Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW1041 Datasheet(PDF) 1 Page - Total Power International

Part # MKW1041
Description  10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW1041 Datasheet(HTML) 1 Page - Total Power International

  MKW1041 Datasheet HTML 1Page - Total Power International MKW1041 Datasheet HTML 2Page - Total Power International MKW1041 Datasheet HTML 3Page - Total Power International MKW1041 Datasheet HTML 4Page - Total Power International MKW1041 Datasheet HTML 5Page - Total Power International MKW1041 Datasheet HTML 6Page - Total Power International MKW1041 Datasheet HTML 7Page - Total Power International MKW1041 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Wide Range
2:1
EN55022
EMI
I/O Isolation
1500
VDC
Low Cost
$
MKW1000 series of DC/DC converters, comprising 24
different models, is designed for a wide range of applications
including data communication equipments, mobile battery driven
equipments, distributed power systems, telecommunication
equipments, mixed analog/digital subsystems, process/machine
control equipments,computer peripheral systems and industrial robot
systems.
Packing up to 10W of power into a 2 x 1 x 0.4 inch package, with
efficiencies as high as 83%, the MKW1000 has wide input ranges of
9-18VDC, 18-36VDC and 36-75VDC and is available in output
voltages of 3.3V, 5V, 12V, 15V, 24V, {5V, {12V and {15V.
Other feathers include continuous short circuit protection,
six-side shielded case and EN55022 level A conducted noise
compliance minimize design-in time, cost and eliminate the need for
external components.
MTBF > 700,000 Hours
Six-Side Shielded Case
EMI Complies With EN55022 Class A
Industry Standard Pinout
Short Circuit Protection
SMT Technology
I/O Isolation 1500VDC
2:1 Input Range
High Efficiency up to 83%
Key Features
Single and Dual Outputs
10 Watts 2:1 Wide Input Range DC/DC Converters
TOTAL POWER INT'L
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com
http://www.total-power.com
-1-


Similar Part No. - MKW1041

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW1041 MINMAX-MKW1041 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW1041 MINMAX-MKW1041 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
logo
Total Power Internation...
MKW1041 TOTAL-POWER-MKW1041 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
More results

Similar Description - MKW1041

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
   3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Wall Industries,Inc.
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com