Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW1034 Datasheet(PDF) 2 Page - Total Power International

Part # MKW1034
Description  10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW1034 Datasheet(HTML) 2 Page - Total Power International

  MKW1034 Datasheet HTML 1Page - Total Power International MKW1034 Datasheet HTML 2Page - Total Power International MKW1034 Datasheet HTML 3Page - Total Power International MKW1034 Datasheet HTML 4Page - Total Power International MKW1034 Datasheet HTML 5Page - Total Power International MKW1034 Datasheet HTML 6Page - Total Power International MKW1034 Datasheet HTML 7Page - Total Power International MKW1034 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
83
251
{17
{333
{15
MKW1048
83
251
{21
{416
{12
MKW1047
81
257
{50
{1000
{5
MKW1046
83
251
21
416
24
MKW1045
83
252
34
670
15
MKW1044
82
253
42
830
12
MKW1043
80
260
100
2000
5
MKW1042
76
12
10
217
120
2400
3.3
48
( 36 ~ 75 )
MKW1041
82
507
{17
{333
{15
MKW1038
82
507
{21
{416
{12
MKW1037
80
521
{50
{1000
{5
MKW1036
83
501
21
416
24
MKW1035
82
511
34
670
15
MKW1034
82
506
42
830
12
MKW1033
78
534
100
2000
5
MKW1032
76
25
20
434
120
2400
3.3
24
( 18 ~ 36 )
MKW1031
80
1041
{17
{333
{15
MKW1028
81
1027
{21
{416
{12
MKW1027
78
1068
{50
{1000
{5
MKW1026
81
1027
21
416
24
MKW1025
80
1047
34
670
15
MKW1024
80
1038
42
830
12
MKW1023
77
1082
100
2000
5
MKW1022
72
50
30
917
120
2400
3.3
12
( 9 ~ 18 )
MKW1021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+71
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding these values can damage the module. These are not continuous
operating ratings.
mW
5,000
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Note :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum
output loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these devices; however they may not
meet all listed specifications.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com
http://www.total-power.com
-2-


Similar Part No. - MKW1034

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW1034 MINMAX-MKW1034 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW1034 MINMAX-MKW1034 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
logo
Total Power Internation...
MKW1034 TOTAL-POWER-MKW1034 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
More results

Similar Description - MKW1034

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
   3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Wall Industries,Inc.
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com