Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBA300F-12 Datasheet(PDF) 1 Page - Total Power International

Part # PBA300F-12
Description  PBA300F
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PBA300F-12 Datasheet(HTML) 1 Page - Total Power International

  PBA300F-12 Datasheet HTML 1Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit type
PBA300F
Ordering information
PBA 300
F
-5
-O
1
2
3
4
5
R
1Series name
2Output wattage
3Universal input
4Output voltage
5Optional
C :with Coating
G :Low leakage current
U :Operation stop voltage
is set at a lower value
F3 :Reverse air exhaust
type
F4 :Low speed fan
Refer to instruction manual
7.1
MODEL
PBA300F-3R3 PBA300F-5
PBA300F-7R5 PBA300F-12
PBA300F-15
PBA300F-24
PBA300F-36
PBA300F-48
MAX OUTPUT WATTAGE[W]
198
300
300
324
330
336
324
336
ACIN 100V 3.3V 60A
5V 60A
7.5V 40A
12V 27A
15V 22A
24V 14A
36V 9A
48V 7A
DC OUTPUT
SPECIFICATIONS
ACIN 200V*3 3.3V 60A
5V 60A
7.5V 40A
12V 27A
15V 22A
24V 14(16.5)A 36V 9A
48V 7A
INPUT
MODEL
PBA300F-3R3 PBA300F-5
PBA300F-7R5 PBA300F-12
PBA300F-15
PBA300F-24
PBA300F-36
PBA300F-48
VOLTAGE[V]
AC85 - 264 1f or DC120 - 350 (AC50 or DC70 optionally available *4)
CURRENT[A]
ACIN 100V 3typ
4.1typ
ACIN 200V 1.6typ
2typ
FREQUENCY[Hz]
50/60 (47 - 63)
EFFICIENCY[%]
ACIN 100V 68typ
74typ
76typ
78typ
78typ
79typ
81typ
79typ
ACIN 200V 71typ
77typ
79typ
81typ
81typ
82typ
84typ
82typ
ACIN 100V 0.98typ (Io=100%)
POWER FACTOR
ACIN 200V 0.95typ (Io=100%)
ACIN 100V 20/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More then 3 sec. to re-start)
OUTPUT
INRUSH CURRENT[A]
ACIN 200V 40/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More then 3 sec. to re-start)
LEAKAGE CURRENT[mA]
0.45/0.75max (ACIN 100V/240V 60Hz, Io=100%, According to IEC60950-1)
VOLTAGE[V]
3.3
5
7.5
12
15
24
36
48
CURRENT[A]
ACIN 100V 60
60
40
27
22
14
9
7
ACIN 200V*3 60
60
40
27
22
14(16.5)
9
7
LINE REGULATION[mV]
20max
20max
36max
48max
60max
96max
144max
192max
LOAD REGULATION[mV]
40max
40max
60max
100max
120max
150max
150max
300max
RIPPLE[mVp-p]
0to +50C*1 80max
80max
120max
120max
120max
120max
150max
150max
-20 - 0C*1 140max
140max
160max
160max
160max
160max
160max
400max
RIPPLE NOISE[mVp-p] 0to +50C*
1 120max
120max
150max
150max
150max
150max
200max
200max
-20 - 0C*1 160max
160max
180max
180max
180max
180max
240max
500max
0to +50C*1 40max
50max
75max
120max
150max
240max
360max
480max
TEMPERATURE REGULATION[mV]
-20 to +50C*1 60max
75max
120max
180max
180max
290max
440max
600max
DRIFT[mV]
*2
12max
20max
30max
48max
60max
96max
144max
192max
START-UP TIME[ms]
300typ(ACIN 100/200V, Io=100%) Start-up time is 500ms typ for less than 1minute of applying input again from turning off the input voltage.
HOLD-UP TIME[ms]
20typ (ACIN 100/200V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.64 - 3.96
3.96 - 6.00
5.25 - 8.25
8.25 - 13.20
10.50 - 16.50
16.50 - 26.40
25.20 - 39.60
38.40 - 56.00
OUTPUT VOLTAGE SETTING[V] 3.30 - 3.40
5.00 - 5.15
7.50 - 7.80
12.00 - 12.48
15.00 - 15.60
24.00 - 24.96
36.00 - 37.44
48.00 - 49.92
OVERCURRENT PROTECTION Works over 105% of rated current or 101% of peak current and recovers automatically
PROTECTION OVERVOLTAGE PROTECTION[V]
4.3 - 6.3
6.5 - 8.0
9.0 - 11.6
14.4 - 18.6
18.0 - 23.3
28.8 - 37.2
43.2 - 54.0
57.6 - 80.0
CIRCUIT AND OPERATING INDICATION
LED (Green)
OTHERS
ISOLATION
REMOTE SENSING
Provided
REMOTE ON/OFF
Provided
INPUT-OUTPUT -RC
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MWmin (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50MWmin (At Room Temperature)
OUTPUT-RC-AUX-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50MWmin (At Room Temperature)
OUTPUT-RC -AUX
AC100V 1minute, Cutoff current = 100mA, DC100V 50MWmin (At Room Temperature)
OPERATING TEMP.,HUMID.AND ALTITUDE -20 to +71C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
ENVIRONMENT STORAGE TEMP.
,HUMID.AND ALTITUDE -20 to +75C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
VIBRATION
19.6m/s2 (2G), 10 - 55Hz, 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
AGENCY APPROVALS
UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN (At only AC input)
SAFETY AND CONDUCTED NOISE
Complies with FCC Part15 classB, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
NOISE
REGULATIONS CE MARKING
Low Voltage Directive, EMC Directive
HARMONIC ATTENUATOR
Complies with IEC61000-3-2
CASE SIZE/WEIGHT
102X42X170mm (without terminal block and screw) (WXHXD) /1.0kg max
OTHERS
COOLING METHOD
Forced cooling (internal fan)
*1 Measured by 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN : RM101).
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
*3 () means peak current. Peak loading for 10s. And Duty 35% max, refer to Instruction manual in detail.
*4 Derating is required.Consult us for details.
*
A sound may occur from power supply at pulse loading.


Similar Part No. - PBA300F-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PBA300F-12 RSG-PBA300F-12 Datasheet
143Kb / 2P
   Unit type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com