Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBA1500F-36 Datasheet(PDF) 1 Page - Total Power International

Part # PBA1500F-36
Description  PBA1500F
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PBA1500F-36 Datasheet(HTML) 1 Page - Total Power International

  PBA1500F-36 Datasheet HTML 1Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL
PBA1500F-3R3 PBA1500F-5
PBA1500F-7R5 PBA1500F-12
PBA1500F-15
PBA1500F-24
PBA1500F-36
PBA1500F-48
MAX OUTPUT WATTAGE[W]
990
1500
1500
1500
1500
1680
1692
1680
DC OUTPUT
ACIN 100V 3.3V 300A
5V 300A
7.5V 200A
12V 125A
15V 100A
24V 65A
36V 42A
48V 32A
ACIN 200V
*3 3.3V 300A
5V 300A
7.5V 200A
12V 125A
15V 100A
24V 70(105)A
36V 47(70)A
48V 35A
SPECIFICATIONS
MODEL
PBA1500F-3R3 PBA1500F-5
PBA1500F-7R5 PBA1500F-12
PBA1500F-15
PBA1500F-24
PBA1500F-36
PBA1500F-48
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC120 - 370
CURRENT[A]
ACIN 100V 15typ
19typ
ACIN 200V 8typ
10typ
FREQUENCY[Hz]
50/60 (47-63)
EFFICIENCY[%]
ACIN 100V 72typ
77typ
81typ
81typ
83typ
84typ
84typ
84typ
ACIN 200V 75typ
81typ
83typ
84typ
86typ
87typ
87typ
87typ
POWER FACTOR
ACIN 100V 0.98typ (Io=100%)
ACIN 200V 0.95typ (Io=100%)
INRUSH CURRENT[A]
ACIN 100V
ACIN 200V
LEAKAGE CURRENT[mA]
0.9/1.5max (ACIN 100V/240V 60Hz, Io=100%, According to IEC60950-1)
OUTPUT
VOLTAGE[V]
3.3
5
7.5
12
15
24
36
48
CURRENT[A]
ACIN 100V 300
300
200
125
100
65
42
32
ACIN 200V
*3 300
300
200
125
100
70(105)
47(70)
35
LINE REGULATION[mV]
20max
20max
36max
48max
60max
96max
144max
192max
LOAD REGULATION[mV]
40max
40max
60max
100max
120max
150max
150max
300max
RIPPLE[mVp-p]
0to+50
C*1 80max
80max
120max
120max
120max
120max
150max
150max
-20-0
C*1 140max
140max
160max
160max
160max
160max
160max
400max
RIPPLE NOISE[mVp-p]
0to+50
C*1 120max
120max
150max
150max
150max
150max
200max
200max
-20-0
C*1 160max
160max
180max
180max
180max
180max
240max
500max
TEMPERATURE REGULATION[mV]
0to+50
C*1 40max
50max
75max
120max
150max
240max
360max
480max
-20 to +50
C*1 60max
75max
120max
180max
180max
290max
440max
600max
DRIFT[mV]
*2 12max
20max
30max
48max
60max
96max
144max
192max
START-UP TIME[ms]
600typ(ACIN 100/200V, Io=100%) Start-up time is 500ms typ for less than 1minute of applying input again from turning off the input voltage.
HOLD-UP TIME[ms]
20typ (ACIN 100/200V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
2.64 - 3.96
3.96 - 6.00
5.25 - 8.25
8.25 - 13.20
10.50 - 16.50
16.50 - 26.40
25.20 - 39.60
38.40 - 56.00
OUTPUT VOLTAGE SETTING[V]
3.30 - 3.40
5.00 - 5.15
7.50 - 7.80
12.00 - 12.48
15.00 - 15.60
24.00 - 24.96
36.00 - 37.44
48.00 - 49.92
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rated current or 101% of peak current and recovers automatically
OVERVOLTAGE PROTECTION[V]
*4 Vo+0.66 - 1.32 Vo+1.0 - 2.0
Vo+1.5 - 3.0
Vo+2.4 - 4.8
Vo+3.0 - 6.0
Vo+4.8 - 9.6
Vo+7.2 - 14.4
Vo+4.8 - 12.0
OPERATING INDICATION
LED (Green)
REMOTE SENSING
Provided
REMOTE ON/OFF
Provided
ISOLATION
INPUT-OUTPUT
-RC
AC3,000V 1minute, Cutoff current = 25mA, DC500V 50M
Wmin (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 25mA, DC500V 50M
Wmin (At Room Temperature)
OUTPUT
-RC-AUX-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
Wmin (At Room Temperature)
OUTPUT-RC
-AUX
AC100V 1minute, Cutoff current = 100mA, DC100V 50M
Wmin (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-20 to +71
C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-20 to +75
C, 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
VIBRATION
19.6m/s2 (2G), 10 - 55Hz, 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN (At only AC input)
CONDUCTED NOISE
Complies with FCC Part15 classB, VCCI-B, CISPR22-B, EN55011-B, EN55022-B, additional noise filter required for meeting class B.
CE MARKING
Low Voltage Directive, EMC Directive
HARMONIC ATTENUATOR
Complies with IEC61000-3-2
OTHERS
CASE SIZE/WEIGHT
178
X61X268mm (without terminal block and screw)(WXHXD) /3.4kg max
COOLING METHOD
Forced cooling (internal fan)
20/40typ (Io=100%)(Primary inrush current /Secondary inrush current)(More than 10 sec. to re-start)
40/40typ (Io=100%)(Primary inrush current /Secondary inrush current)(More than 10 sec. to re-start)
*1 Measured by 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN : RM101).
Ripple and ripple noise is measured on measuring board with capacitor of 22
mF within 150mm from the output terminal.
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
*3 () means peak current. Peak loading for 10s. And Duty 35% max, refer to Instruction manual in detail.
*4 Overvoltage protection circuit to follow to output voltage setting.
* A sound may occur from power supply at pulse loading.
PBA1500F
Unit type
PBA 1500
F
-5
-
O
Ordering information
1Series name
2Output wattage
3Universal input
4Output voltage
5Optional
C :with Coating
G :Low leakage current
U :Operation stop voltage
is set at a lower value
F1 :With Long-Life fan
F3 :Reverse air exhaust
type
F4 :Low speed fan
R
12345
PBA
A-18


Similar Part No. - PBA1500F-36

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PBA1500F-36 RSG-PBA1500F-36 Datasheet
156Kb / 2P
   Unit type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com