Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSP-500 Datasheet(PDF) 4 Page - Total Power International

Part # PSP-500
Description  500W with PFC and Parallel Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PSP-500 Datasheet(HTML) 4 Page - Total Power International

  PSP-500 Datasheet HTML 1Page - Total Power International PSP-500 Datasheet HTML 2Page - Total Power International PSP-500 Datasheet HTML 3Page - Total Power International PSP-500 Datasheet HTML 4Page - Total Power International PSP-500 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPECIFICATION
PSP-500-5P
PSP-500-12P
PSP-500-13.5P
PSP-500-15P
PSP-500-24P
PSP-500-27P
PSP-500-48P
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
HARMONIC CURRENT
EMS IMMUNITY
WORKING TEMP.
WORKING HUMIDITY
REMOTE CONTROL
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
FUNCTION
AC CURRENT (Typ.)
5V
12V
13.5V
15V
24V
27V
48V
80A
41.5A
37A
33A
20.8A
18.5A
10.5A
0 ~ 80A
0 ~ 41.5A
0 ~ 37A
0 ~ 33A
0 ~ 20.8A
0 ~ 18.5A
0 ~ 10.5A
400W
498W
499.5W
495W
499.2W
499.5W
504W
100mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
4.75 ~ 5.5V
10 ~ 13.2V
12 ~ 15V
13.5 ~ 18V
20 ~ 26.4V
24 ~ 30V
41 ~ 56V
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.3%
0.3%
0.3%
0.2%
0.2%
0.2%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1500ms, 50ms at full load
24ms at full load
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
0.95/230VAC
0.98/100VAC at full load
76%
82%
82%
82%
84%
84%
86%
7A/115AVC
3.5A/230VAC
20A/115VAC
40A/230VAC
<1mA / 240VAC
110 ~ 125% rated output power
5.75 ~ 6.75V
Protection type : Shut down o/p voltage, re-power on to recover
13.8 ~ 16.2V
15.5 ~ 18.2V
18 ~ 21V
27.6 ~ 32.4V
31 ~ 36.5V
57.6 ~ 67.2V
Protection type : Constant current limiting, recovers automatically after fault condition is removed
UL1950, TUV EN60950-1 Approved
Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A
-10 ~ +60
(Refer to output load derating curve)
20 ~ 90% RH with 30CFM forced air non-condensing
-20 ~ +85
, 10 ~ 95% RH
0.03%/
(0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
130.1K hrs min.
MIL-HDBK-217F (25
)
250*123*50mm (L*W*H)
1.3Kg; 6pcs/7.8Kg/0.89CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
RC+/RC-: 0 ~ 0.8V=power on;4~ 10V=power off
sink current <4 ~ 10mA
OVER VOLTAGE
OVER TEMPERATURE
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
500W with PFC and Parallel Function
PSP-500-P series
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections:Short circuit/Over load/Over voltage/Over temperature
Foced air cooling by built-in DC fan
Current sharing up to 2000W(3+1)
With power good and fail signal output
Built-in remote ON-OFF control
Built-in remote sense function
3 years warranty
Features :
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
ENVIRONMENT
SAFETY &
EMC
(Note 4)
PROTECTION
EMI CONDUCTION & RADIATION
RTH2
95
Detect on heatsink of Q1,Q7 power transistor & L3 output choke


Similar Part No. - PSP-500

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PSP-500 ASTRODYNE-PSP-500 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-500-12 ASTRODYNE-PSP-500-12 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
PSP-500-12 MEANWELL-PSP-500-12 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
More results

Similar Description - PSP-500

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-500 ASTRODYNE-PSP-500 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
SP-500_1111 MEANWELL-SP-500_1111 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-500 MEANWELL-RSP-500 Datasheet
558Kb / 3P
   500W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com