Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-375-5C Datasheet(PDF) 1 Page - Total Power International

Part # QP-375-5C
Description  SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

QP-375-5C Datasheet(HTML) 1 Page - Total Power International

  QP-375-5C Datasheet HTML 1Page - Total Power International QP-375-5C Datasheet HTML 2Page - Total Power International QP-375-5C Datasheet HTML 3Page - Total Power International QP-375-5C Datasheet HTML 4Page - Total Power International QP-375-5C Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MEAN WELL
SWITCHING POWER SUPPLY
ISO-9001 CERTIFIED MANUFACTURER
QP-375
SERIES
.LOW COST, HIGH RELIABILITY
.ISOLATE CH3 & CH4 DC OUTPUT
.105ºC OUTPUT CAPACITOR
.MAIN OUTPUT REMOTE SENSE
.INTERNATIONAL AC INPUT RANGE
.POWER GOOD AND FAIL SIGNAL
.HIGH EFFICIENCY, LOW WORKING TEMPERATURE
.SOFT-START CIRCUIT, LIMITING AC SURGE CURRENT
.SHORT CIRCUIT, OVERLOAD, OVER VOLTAGE PROTECTED
MODEL
SPECIFICATION
QP-375-5A
QP-375-5B
QP-375-5C
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
DC OUTPUT VOLTAGE
+5V
+12V
12V
12V
+5V
+12V
12V
5V
+5V
+12V
15V
15V
OUTPUT V. TOLERANCE
±1%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
OUTPUT RATED CURRENT
30A
10A
6A
3A
30A
10A
6A
3A
30A
9A
4A
4A
OUTPUT CURRENT RANGE
3.5-40A 0-10A
0-6A
0-3A 3.5-40A 0-10A
0-6A
0-3A 3.5-40A 0-9A
0-4A
0-4A
PEAK CURRENT
40A
16A
6A
3A
40A
16A
6A
3A
40A
16A
4A
4A
RIPPLE & NOISE (p-p)
100mV 150mV 150mV 50mV 100mV 120mV 120mV 50mV 100mV 150mV 150mV 240mV
LINE REGULATION
±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5%
LOAD REGULATION
±0.8% ±0.8% ±0.8% ±0.8% ±0.8% ±0.8% ±0.8% ±0.8% ±0.8% ±0.8% ±0.8% ±0.8%
DC OUTPUT POWER
378W (max.)
357W (max.)
378W (max.)
EFFICIENCY
77%
77%
77%
DC VOLTAGE ADJ.
CH1,2,3,4:+10,-5%
CH1,2,3:+10,-5%
CH1,2,3,4:+10,-5%
INPUT VOLTAGE RANGE
85~264VAC 47~63Hz; 120~370VDC
AC CURRENT
6A/115V 3A/230V
POWER FACTOR
PF>0.95/230VAC, PF>0.98/115VAC
OUTPUT GOOD/INPUT POWER FAIL
10ms/1ms
INRUSH CURRENT
COLD START 45A
LEAKAGE CURRENT
<2mA/240VAC
OVERLOAD PROTECTION
105%~135% TYPE: PULSE BY PULSE RESET: AUTO RECOVERY
OVER VOLTAGE PROTECTION
CH1:5.75~6.75V TYPE:SHUTDOWN
OVER TEMP. PROTECTION
80ºC~±5ºC (TSW1)TYPE:SHUTDOWN RESET:AUTO RECOVERY
REMOTE CONTROL
RC+/RC-:0~0.8V POWER ON ; 4V~10V POWER OFF
TEMP. COEFFICIENT
±0.03% / ºC (0~50ºC)
SETUP, RISE, HOLD UP TIME
800ms, 50ms, 20ms
VIBRATION
10~500Hz, 2G 10min./1cycle, PERIOD FOR 60min. EACH AXES
WITHSTAND VOLTAGE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
ISOLATION RESISTANCE
I/P-O/P, I/P-FG, O/P-FG:500VDC / 100M Ohms
WORKING TEMP., HUMIDITY
-10ºC~+60ºC(REFER TO OUTPUT DERATING CURVE), 20%~90% RH
STORAGE TEMP., HUMIDITY
-20ºC~+85ºC, 10%~95% RH
DIMENSION
278*127*63.5mm
WEIGHT
2.3Kgs
SAFETY STANDARDS
UL1950, TUV EN60950 APPROVED
EMC STANDARDS
CISPR22(EN55022) CLASS B, EN61000-4-2,3,4,5,6,8,11; ENV50204; EN61000-3-2,3 VERIFICATION
NOTE :
1.ALL PARAMETERS ARE SPECIFIED AT 230VAC INPUT, RATED LOAD, 25º
C70%RH.AMBIENT.
2.TOLERANCE
: INCLUDESETUPTOLERANCE,LINEREGULATION,LOADREGULATION.
3.RIPPLE & NOISE ARE MEASURED AT 20MHz BY USING A 12" TWISTED PAIR TERMINATED WITH A 0.1uF & 47uF CAPACITOR.
4.LINE REGULATION IS MEASURED FROM LOW LINE TO HIGH LINE AT RATED LOAD.
5.LOAD REGULATION IS MEASURED FROM 20% TO 100% RATED LOAD, AND OTHER OUTPUT AT 60% RATED LOAD.
6.PEAK CURRENT CAN NOT EXCEED 60 SEC.
7.EACH OUTPUT PROVIDE UP TO MAXIMUM CURRENT, BUT TATAL LOAD CAN NOT EXCEED MAX. OUTPUT POWER.
8.ISOLATED CH3 & CH4 MAYBE SERIES CONNECTED OR CAN BE USED AS POSITIVE OR NEGATIVE OUTPUTS.
2002-09-23
NEXT ( MECHANICAL INFO )


Similar Part No. - QP-375-5C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-375-5C ASTRODYNE-QP-375-5C Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375-5C MEANWELL-QP-375-5C Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-375-5C RSG-QP-375-5C Datasheet
294Kb / 7P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375-5C MEANWELL-QP-375-5C Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
QP-375-5C MEANWELL-QP-375-5C Datasheet
786Kb / 7P
   375W Quad Output with PFC Function
More results

Similar Description - QP-375-5C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MWP-602A MEANWELL-MWP-602A Datasheet
108Kb / 2P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
List of Unclassifed Man...
SUS01L ETC1-SUS01L Datasheet
100Kb / 4P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
F0434A ETC2-F0434A Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
F0461A ETC2-F0461A Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
logo
Ultralife Corporation.
MBA-21R ULTRALIFE-MBA-21R Datasheet
297Kb / 2P
   Radio manufacturer independent
10 JUN 2010 Rev A
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com