Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF4007 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MF4007
Description  SURFACE MOUNT DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MF4007 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MF4007 Datasheet HTML 1Page - Cystech Electonics Corp. MF4007 Datasheet HTML 2Page - Cystech Electonics Corp. MF4007 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C327SL
Issued Date : 2003.05.21
Revised Date :
Page No. : 3/3
MF400XSL
CYStek Product Specification
Melf Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.095
0.105
2.40
2.70
C
0.018
0.024
0.46
0.60
B
0.018
0.024
0.46
0.60
D
0.190
0.205
4.8
5.2
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
A
B
C
D
Cathode Mark
Melf plastic package
CYStek package code:SL


Similar Part No. - MF4007

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MF400K04F3 APTSEMI-MF400K04F3 Datasheet
317Kb / 3P
   FRED Modules
logo
Micro Commercial Compon...
MF400K04F3 MCC-MF400K04F3 Datasheet
587Kb / 4P
   Soft Reverse Recovery Characteristics
logo
Yangzhou yangjie electr...
MF400K04F3 YANGJIE-MF400K04F3 Datasheet
390Kb / 3P
   FRED Modules
logo
Jiangsu APT Semiconduct...
MF400K06F3 APTSEMI-MF400K06F3 Datasheet
219Kb / 3P
   FRED Modules
logo
Micro Commercial Compon...
MF400K06F3 MCC-MF400K06F3 Datasheet
544Kb / 4P
   400 Amp FRED Modules 600 Volts
More results

Similar Description - MF4007

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
   High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
Hi-Sincerity Mocroelect...
HMM4148 HSMC-HMM4148 Datasheet
36Kb / 3P
   SURFACE MOUNT SITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com