Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38195MD-XXXFS Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M38195MD-XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38195MD-XXXFS Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M38195MD-XXXFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
3
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
•Reset input pin for active “L”
VCC, VSS
PIN DESCRIPTION
Pin
Name
Function
Function except a port function
Power source
•Apply voltage of 4.0 to 5.5 V to VCC, and 0 V to VSS.
•Applies voltage supplied to pull-down resistors of ports P0, P1, P20–P23, P3, and P9.
•Reference voltage input pin for A-D converter and D-A converter
•GND input pin for A-D converter and D-A converter
•Connect AVSS to VSS.
•Input and output pins for the main clock generating circuit
•Feedback resistor is built in between XIN pin and XOUT pin.
•Connect a ceramic resonator or a quartz-crystal oscillator between the XIN pin and XOUT pin to
set oscillation frequency.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin
open.
•This clock is used as the oscillating source of system clock.
•8-bit output port
•This port builds in pull-down resistor between
port P0 and the VEE pin.
•At reset this port is set to VEE level.
•The high-breakdown-voltage P-channel
open-drain
VEE
VREF
AVSS
RESET
XIN
XOUT
P00/SEG32/
DIG0–P07/
SEG39/DIG7
P10/SEG40/
DIG8–P17/
DIG15
P20/DIG16
P23/DIG19
P24–P27
•8-bit output port with the same function as
port P0
•4-bit output port with the same function as
port P0
•4-bit I/O port
•I/O direction register allows each pin to be individually programmed as either input or output.
•At reset this port is set to input mode.
•TTL input level
•CMOS 3-state output
P30/SEG24
P37/SEG31
P40/INT0,
P45/INT1/
ZCR
P42/INT2
P44/INT4
P41
P46/T1OUT,
P47/T3OUT
Pull-down
Power source
Analog reference
voltage
Reset input
Analog power source
Clock input
Clock output
Output port P0
Output port P1
Output port P2
I/O port P2
Output port P3
Input port P4
I/O port P4
•8-bit output port with the same function as
port P0
•2-bit input port
•CMOS compatible input level
•6-bit CMOS I/O port with the same function
as ports P24–P27
•CMOS compatible input level
•CMOS 3-state output
FLD automatic display pins
FLD automatic display pins
FLD automatic display pins
FLD automatic display pins
External interrupt input pins
A zero cross detection circuit input pin (P45)
Timer output pins


Similar Part No. - M38195MD-XXXFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38197MA-XXXFP RENESAS-M38197MA-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38195MD-XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com