Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38195MD-XXXFS Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M38195MD-XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38195MD-XXXFS Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38195MD-XXXFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38195MD-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
P87/SEG15
81
M38197MA-XXXFP
P86/SEG14
82
P85/SEG13
83
P84/SEG12
84
P83/SEG11
85
P82/SEG10
86
P81/SEG9
87
P80/SEG8
88
PA7/SEG7
89
PA6/SEG6
90
VCC
91
PA5/SEG5
92
PA4/SEG4
93
PA3/SEG3
94
PA2/SEG2
95
PA1/SEG1
96
PA0/SEG0
97
VEE
98
AVSS
99
VREF
100
P16/DIG14
50
P17/DIG15
49
P20/DIG16
48
P21/DIG17
47
P22/DIG18
46
P23/DIG19
45
P24
44
P25
43
P26
42
P27
41
VSS
40
XOUT
39
XIN
38
PB0/XCOUT
37
PB1/XCIN
36
RESET
35
P40/INT0
34
P41
33
P42/INT2
32
P43/INT3
31
DESCRIPTION
The 3819 group is a 8-bit microcomputer based on the 740 family
core technology.
The 3819 group has a flourescent display automatic display circuit
and an 16-channel 8-bit A-D converter as additional functions.
The various microcomputers in the 3819 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
For details on availability of microcomputers in the 3819 group, re-
fer to the section on group expansion.
FEATURES
qBasic machine-language instructions ...................................... 71
qThe minimum instruction execution time ......................... 0.48
µs
(at 8.4 MHz oscillation frequency)
qMemory size .................................................................................
ROM ............................................. 4K to 60 K bytes
RAM ........................................... 192 to 2048 bytes
qProgrammable input/output ports ............................................ 54
qHigh-breakdown-voltage output ports ...................................... 52
qInterrupts ................................................. 20 sources, 16 vectors
qTimers ............................................................................. 8-bit ! 6
qSerial I/O (Serial I/O1 has an automatic transfer function)
...................................................... 8-bit ! 3(clock-synchronized)
qPWM output circuit ............... 8-bit ! 1(also functions as timer 6)
qA-D converter ............................................... 8-bit ! 16 channels
qD-A converter ................................................. 8-bit ! 1 channels
qZero cross detection input ............................................ 1 channel
qFluorescent display function
Segments ........................................................................ 16 to 42
Digits .................................................................................. 6 to 16
q2 Clock generating circuit
Clock (XIN-XOUT) ................................. Internal feedback resistor
Sub-clock (XCIN-XCOUT) ......... Without internal feedback resistor
(connect to external ceramic resonator or quartz-crystal oscil-
lator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 8.4 MHz oscillation frequency and high-speed selected)
In middle-speed mode ............................................... 2.8 to 5.5 V
(at 8.4 MHz oscillation frequency)
In low-speed mode .................................................... 2.8 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode .......................................................... 35 mW
(at 8.4 MHz oscillation frequency)
In low-speed mode ............................................................ 60
µW
(at 3 V power source voltage and 32 kHz oscillation frequency )
qOperating temperature range .................................... –10 to 85°C
APPLICATION
Musical Instruments, household appliance, etc.
Package type : 100P6S-A
100-pin plastic-molded QFP
PIN CONFIGURATION (TOP VIEW)
3819 Group
SINGLE-CHIP 8-BIT MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS


Similar Part No. - M38195MD-XXXFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38197MA-XXXFP RENESAS-M38197MA-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38195MD-XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com