Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ7051 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZ7051
Description  Silicon planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ7051 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZ7051 Datasheet HTML 1Page - Panasonic Semiconductor MAZ7051 Datasheet HTML 2Page - Panasonic Semiconductor MAZ7051 Datasheet HTML 3Page - Panasonic Semiconductor MAZ7051 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Zener Diodes
MAZ7000 Series
MAZ7220
20.8
23.3
MAZ7220-A
20.8
22.15
10
5
15
20
10
18.6
10
95
Red
Red
MAZ7220-B
21.85
23.2
MAZ7240
22.8
25.6
MAZ7240-A
22.8
24.35
10
5
16
20
10
20.7
10
90
Red
Yellow
MAZ7240-B
24.15
25.6
MAZ7270
25.1
28.9
MAZ7270-A
25.1
27.0
10
2
18
25
10
23.8
10
85
Red
Purple
MAZ7270-B
26.9
28.9
MAZ7300
28.0
32.0
MAZ7300-A
28.0
30.1
10
2
20
25
10
26.9
10
80
Orange Black
MAZ7300-B
29.9
32.0
MAZ7330
31.0
35.0
MAZ7330-A
31.0
33.14
10
2
22
30
10
30.0
10
75
Orange Orange
MAZ7330-B
32.86
35.0
MAZ7360
34.0
38.0
MAZ7360-A
34.0
36.16
10
2
24
30
10
33.4
10
70
Orange Blue
MAZ7360-B
35.84
38.0
MAZ7390
37.0
41.0
10
5
26
50
10
36.3
10
65
Orange White
MAZ7430
40.0
46.0
10
5
29
50
10
41.1
10
60
Yellow Orange
MAZ7470
44.0
50.0
10
5
31
50
10
44.9
10
55
Yellow Purple
MAZ7510
48.0
54.0
10
5
33
50
10
48.6
10
50
Green Brown
MAZ7560
52.0
60.0
10
5
35
50
10
54.9
10
45
Green
Blue
I Electrical characteristics within part numbers (continued) T
a
= 25°C
Part Number
Zener voltage
Reverse current
VZ
IR
RZ
SZ
Min
Max
IZ
Max
VR
Max
IZ
Typ
IZ
(V)
(V)
(mA)
(
µA)
(V)
(
Ω)
(mA)
(mV/
°C) (mA)
Marking Symbol
(Color indication)
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ
Ptot  Ta
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50
100
150
200
250
300
Ambient temperature T
a
(
°C)
With a printed-
circuit board
2 mm
25 mm
10 mm
10 mm
φ 4 mm
Operating
resistance
Temperature
coefficient of
zener voltage
Terminal
capacitance


Similar Part No. - MAZ7051

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ7051 PANASONIC-MAZ7051 Datasheet
96Kb / 4P
   Zener Diodes Silicon planar type
More results

Similar Description - MAZ7051

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com