Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL3843B Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # PL3843B
Description  High Performance Current Mode PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL3843B Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  PL3843B Datasheet HTML 1Page - Cystech Electonics Corp. PL3843B Datasheet HTML 2Page - Cystech Electonics Corp. PL3843B Datasheet HTML 3Page - Cystech Electonics Corp. PL3843B Datasheet HTML 4Page - Cystech Electonics Corp. PL3843B Datasheet HTML 5Page - Cystech Electonics Corp. PL3843B Datasheet HTML 6Page - Cystech Electonics Corp. PL3843B Datasheet HTML 7Page - Cystech Electonics Corp. PL3843B Datasheet HTML 8Page - Cystech Electonics Corp. PL3843B Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C510P8
Issued Date : 2003.04.24
Revised Date :
Page No. : 5/15
PL384XBP8
CYStek Product Specification
Figure 1: Open Loop Test Circuit
8
7
6
5
4
3
2
1
VREF
0.1uF
VI
OUTPUT
GROUND
0.1uF
1W
1k
VI
VREF
OUTPUT
A
RT
2N2222
4.7k
1k
4.7k
100k
5k
COMP
VFB
ISENSE
RT/CT
CT
GROUND
ISENSE
ADJUST
ERROR AMP.
ADJUST
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin 5 in a single point ground. The transistor and 5kΩ potentiometer are
used to sample the oscillator waveform and apply an adjustable ramp to pin 3.
Figure 2:Timing Resistor vs Oscillator Frequency
1
10
100
10
100
1000
Oscillator Frequency---fosc(kHz)
CT=100pF
200pF
500pF
10nF
5nF
2nF
1nF
Vi=15V,TA=25
Figure 3:Output Dead-Time vs Oscillator Frequency
1
10
100
10
100
1000
Oscillator Frequency---fosc(kHz)
CT=200pF
CT=500p
F
CT=1nF
CT=2nF
CT=10nF
CT=5nF
CT=100pF
Vi=15V
TA=25


Similar Part No. - PL3843B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL3843B CYSTEKEC-PL3843B Datasheet
279Kb / 15P
   High Performance Current Mode PWM Controllers
More results

Similar Description - PL3843B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com