Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117L3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM1117L3
Description  1A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117L3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM1117L3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1117L3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1117L3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1117L3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C506L3
Issued Date : 2003.03.22
Revised Date :2005.10.07
Page No. : 2/4
LM1117L3
CYStek Product Specification
Package Information
SOT-223
Absolute Maximum Ratings
Symbol
Parameter
Maximum
Units
PD
Power Dissipation
Internally Limited
W
VIN
Input Voltage
7
V
TJ
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
TSTG
Storage Temperature
-65 to 150
TLEAD
Lead Temperature(Soldering, 10 sec)
300
Device Selection Guide
Device
Output Voltage
LM1117-Adj
Adjustable
LM1117-1.5
1.5V
LM1117-1.8
1.8V
LM1117-2.5
2.5V
LM1117-2.85
2.8 5V
LM1117-3.0
3. 0V
LM1117-3.3
3.3V
LM1117-3.5
3.5V
LM1117-5.0
5.0V
Electrical Characteristics @ILOAD=0mA,TJ=25℃, unless otherwise specified
Parameter
Device
Test Conditions
Min
Typ
Max
Units
VIN=5V,ILOAD=10mA
1.238 1.250 1.262
Reference voltage
(Note 1)
Adj Version
VIN=2.65V to 7V,ILOAD=10mA to 1A
*
1.225 1.250 1.275
V
VIN=VOUT+1.5V
Variator from nominal VOUT
-1
+1
%
VIN=VOUT+1.5V to 7V
ILOAD=0mA to 1A
Output Voltage
(Note 1)
Al fixed
version
Variator from nominal VOUT
*
-2
+2
%
Line Regulation (Note 1)
All
ILOAD=10mA,(VOUT+1.5V)≦V≦7V
*
0.04
0.2
Load Regualtion (Note 1)
All
VIN=VOUT+1.5V, ILOAD=10mA to 1A
*
0.2
0.4
%
Minimum Load Current
Adj Version
VIN=5V,VADJ=0V
*
3
7mA
Ground Pin Current
All fixed version VIN=VOUT+1.5V, ILOAD=10mA to 1A
*
7
13
mA
Adjust Pin Current
Adj Version
VIN=2.65V to 7V, ILOAD=10mA
*
55
90
µA
Pin
Function
1
ADJ/GND
2
OUTPUT
3
INPUT
1
2
3


Similar Part No. - LM1117L3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117LD-1.8 TI1-LM1117LD-1.8 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117L3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com