Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117-1.8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM1117-1.8
Description  1A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-1.8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM1117-1.8 Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-1.8 Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-1.8 Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-1.8 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C506L3
Issued Date : 2003.03.22
Revised Date :2005.10.07
Page No. : 1/4
LM1117L3
CYStek Product Specification
1A Low Dropout Positive Voltage Regulator
LM1117L3
Features
Description
Adjustable or Fixed Output
The LM1117 series of positive adjustable and fixed
Output Current of 1A
regulators are designed to provide 1A with high
Low Dropout, 1.3V max at 1A Output Current
efficiency. All internal circuitry is designed to
0.04% Line Regulation
operate down to 1.3V input to output differential.
0.2% Load Regulation
On-chip trimming adjusts the reference voltage to
100% Thermal Limit Burn-in
1%.
Fast Transient Response
Applications
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Adjustable Power Supply
Typical Application Data
Fixed Voltage Regulator
Adjustable Voltage Regulator
VOUT=VREF×(1+R2/R1)+IADJ×R2
Notes:
1) C1 needed if device is far from filter capacitors
2) C2 minimum value required for stability
C2
10μF Tant.Min
VOUT=3.3V
C1
10μF Tant
VIN>4.75V
1
2
3
IN
TAB
GND
OUT
+
VOUT=3.45V
C2
10μF Tant.Min
R2
232 Ohm,1%
C1
10μF, Tant
VIN>4.75V
+
IN
TAB
ADJ
OUT
+


Similar Part No. - LM1117-1.8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-1.8 CYSTEKEC-LM1117-1.8 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
LM1117-1.8 CYSTEKEC-LM1117-1.8 Datasheet
464Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-1.8J3-0-T3-G CYSTEKEC-LM1117-1.8J3-0-T3-G Datasheet
383Kb / 7P
   1A Low Dropout Positive Voltage Regulator
LM1117-1.8J3-0-T3-G CYSTEKEC-LM1117-1.8J3-0-T3-G Datasheet
383Kb / 7P
   1A Low Dropout Positive Voltage Regulator
LM1117-1.8L3-0-T3-G CYSTEKEC-LM1117-1.8L3-0-T3-G Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - LM1117-1.8

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com