Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF4733A Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MF4733A
Description  SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MF4733A Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MF4733A Datasheet HTML 1Page - Cystech Electonics Corp. MF4733A Datasheet HTML 2Page - Cystech Electonics Corp. MF4733A Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C326SL
Issued Date : 2004.04.13
Revised Date :
Page No. : 1/3
MF47XXASL
CYStek Product Specification
SURFACE MOUNT ZENER DIODES
MF47XXASL
Features
High reliability
• Very sharp reverse characteristic
• Low reverse current level
• VZ tolerance ±5%
Applications
Voltage stabilization
Absolute Maximum Ratings (Tj=25℃)
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power Dissipation
Tamb = 50℃
PD
1
W
Z-current
IZ
PD / VZ
mA
Junction Temperature
TJ
200
Storage Temperature Range
TSTG
-65~+175
Maximum Thermal Resistance (Tj=25℃)
Parameter
Test Conditions
Symbol
Value
Unit
Junction to Ambient
I=9.5mm(3/8”), TL=constant
Rth, JA
100
K/W
Electrical Characteristics (Tj=25℃)
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF=200mA
VF
1.2
V


Similar Part No. - MF4733A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Cystech Electonics Corp...
MF4001 CYSTEKEC-MF4001 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
MF4002 CYSTEKEC-MF4002 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
MF4003 CYSTEKEC-MF4003 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
MF4004 CYSTEKEC-MF4004 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
More results

Similar Description - MF4733A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com