Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-40-12 Datasheet(PDF) 2 Page - Total Power International

Part # S-40-12
Description  40W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

S-40-12 Datasheet(HTML) 2 Page - Total Power International

  S-40-12 Datasheet HTML 1Page - Total Power International S-40-12 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.903Unit:mm
StaticCharacteristics(24V)
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
TerminalPin.No Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
5
4
3
2
1
4.5
73.5
122.5
129
3 -M
3
120
6.5
77
32
3 .5
(HORIZONTAL)
(VERTICAL)
-10
-10
0
10
20
30
40
50
45
60
55
20
40
60
80
100
OutputDerating
200
80
8
60
12
16
20
24
140
100
120
180
160
28
32
260
240
220
50
100
150
200
250
300
350
Ta=25
40WSingleOutputSwitchingPowerSupply
S - 4 0 series


Similar Part No. - S-40-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-40-12 MEANWELL-S-40-12 Datasheet
406Kb / 2P
   40W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-40-12 RSG-S-40-12 Datasheet
169Kb / 2P
   40W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-40-12 MEANWELL-S-40-12 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
More results

Similar Description - S-40-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com