Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-60 Datasheet(PDF) 1 Page - Total Power International

Part # T-60
Description  T60 AC-DC 60W POWER SUPPLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

T-60 Datasheet(HTML) 1 Page - Total Power International

  T-60 Datasheet HTML 1Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.
LOW COST, HIGH RELIABILITY
.
COMPACT SIZE, LIGHT WEIGHT
.105ºC OUTPUT CAPACITOR
.
100% FULL LOAD BURN-IN TEST
.
INTERNATIONAL AC INPUT RANGE
.
HIGH EFFICIENCY, LOW WORKING TEMPERATURE
.
SOFT-START CIRCUIT, LIMITING AC SURGE CURRENT
.
SHORT CIRCUIT, OVERLOAD, OVER VOLTAGE PROTECTED
MODEL
SPECIFICATION
T-60A
T-60B
T-60C
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
DC OUTPUT VOLTAGE
5V
12V
-5V
5V
12V
-12V
5V
15V
-15V
OUTPUT V. TOLERANCE
±2%
±6%
±6%
±2%
±6%
±6%
±2%
±6%
±6%
OUTPUT RATED CURRENT
5A
2.5A
0.5A
5A
2.5A
0.5A
5A
2A
0.5A
OUTPUT CURRENT RANGE
0.5-7A 0.2-3.5A
0-1A
0.5-7A 0.2-3.5A
0-1A
0.5-7A
0.2-3A
0-1A
RIPPLE & NOISE(Vp-p)
100m
100m
100m
100m
100m
100m
100m
100m
100m
LINE REGULATION
±0.5%
±1%
±0.5%
±0.5%
±1%
±0.5%
±0.5%
±1%
±0.5%
LOAD REGULATION
±1%
±4%
±1%
±1%
±4%
±1%
±1%
±4%
±1%
RATED OUTPUT POWER
57.5W
61W
62.5W
EFFICIENCY
72%
72%
72%
DC VOLTAGE ADJ.
CH1:+10,-5%
CH1:+10,-5%
CH1:+10,-5%
INPUT VOLTAGE RANGE
85~264VAC 47~63Hz ; 120~370VDC
AC CURRENT
2A/115V 1A/230V
INRUSH CURRENT
COLD START 30A/115V 60A/230V
LEAKAGE CURRENT
<1mA/240VAC
OVERLOAD PROTECTION
105%~150%/115VAC TYPE:PULSING HICCUP SHUTDOWN RESET:AUTO RECOVERY
OVER VOLTAGE PROTECTION
CH1:5.75~6.75V
TEMP. COEFFICIENT
±0.03% / ºC (0~50ºC) ON +5V OUTPUT
SETUP,RISE,HOLD UP TIME
800ms, 50ms, 10ms / 115VAC 300ms, 50ms, 80ms / 230VAC
VIBRATION
10~500Hz, 2G 3AXES 10min. / 1cycle ( 1 HOUR / EACH AXES )
WITHSTAND VOLTAGE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC 1min.
ISOLATION RESISTANCE
I/P-O/P,I/P-FG,O/P-FG:500VDC / 100M Ohms
WORKING TEMP., HUMIDITY
-10ºC~+60ºC(REFER TO OUTPUT DERATING CURVE), 20%~90% RH
STORAGE TEMP., HUMIDITY
-20ºC~+85ºC, 10%~95% RH
DIMENSION
159*97*38mm CASE:901
WEIGHT
0.56Kgs
SAFETY STANDARDS
UL1012, TUV EN60950, IEC950, UL1950 APPROVED
EMC STANDARDS
CISPR22(EN55022) CLASS B, IEC801-2,3,4, IEC555-2 VERIFICATION
NOTE : 1.ALL PARAMETERS ARE SPECIFIED AT 230VAC INPUT, RATED LOAD, 25ºC 70% RH. AMBIENT.
2.TOLERANCE GINCLUDE SET UP TOLERANCE, LINE REGULATION, LOAD REGULATION.
3.RIPPLE & NOISE ARE MEASURED AT 20MHz BY USING A 12" TWISTED PAIR TERMINATED WITH A 0.1uF & 47uF CAPACITOR.
4.LINE REGULATION IS MEASURED FROM LOW LINE TO HIGH LINE AT RATED LOAD.
5.LOAD REGULATION IS MEASURED FROM 20% TO 100% RATED LOAD, AND OTHER OUTPUT AT 60% RATED LOAD
6.EACH OUTPUT PROVIDE UP TO MAXIMUM CURRENT, BUT TOTAL LOAD CAN NOT EXCEED MAX. OUTPUT POWER.
7.C23,6 MUST BE REMOVED.
TOTAL POWER INT.
T60 AC-DC 60W POWER SUPPLY


Similar Part No. - T-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
386Kb / 2P
   60W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-60 RSG-T-60 Datasheet
163Kb / 2P
   60W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
394Kb / 2P
   60W Triple Output Switching Power Supply
logo
Rhombus Industries Inc.
T-600 RHOMBUS-IND-T-600 Datasheet
18Kb / 1P
   Modem Coupling Transformer
T-60100 RHOMBUS-IND-T-60100 Datasheet
26Kb / 1P
   Standard EI PC Power Transformers
More results

Similar Description - T-60

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPRSDR-60-XS TOPPOWER-TPRSDR-60-XS Datasheet
862Kb / 5P
   32.5-60W AC-DC DIN RAIL Power Supply
TPCPS-60-XS TOPPOWER-TPCPS-60-XS Datasheet
828Kb / 4P
   60W Wide input AC/DC switching power supply
TPC-60-XS TOPPOWER-TPC-60-XS Datasheet
642Kb / 4P
   60W Wide input AC/DC switching power supply
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60_16 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
logo
Toppower Electronic Tec...
TPCGZM-60-T05D15 TOPPOWER-TPCGZM-60-T05D15 Datasheet
363Kb / 4P
   60W Wide input Triple output AC/DC switching power supply
logo
Delta Electronics, Inc.
AA60S0500A DELTA-AA60S0500A Datasheet
381Kb / 7P
   60W Single AC/DC Power Module
AA60S DELTA-AA60S Datasheet
324Kb / 6P
   60W Single AC/DC Power Module
logo
Total Power Internation...
D60 TOTAL-POWER-D60 Datasheet
32Kb / 1P
   TOTAL POWER INT. D60 AC-DC 60W POWER SUPPLY WITH DUAL OUTPUT
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com