Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ4030-L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ4030-L
Description  Silicon planar type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4030-L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ4030-L Datasheet HTML 1Page - Panasonic Semiconductor MAZ4030-L Datasheet HTML 2Page - Panasonic Semiconductor MAZ4030-L Datasheet HTML 3Page - Panasonic Semiconductor MAZ4030-L Datasheet HTML 4Page - Panasonic Semiconductor MAZ4030-L Datasheet HTML 5Page - Panasonic Semiconductor MAZ4030-L Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Zener Diodes
2
MAZ4020
1.88
2.24
MAZ4020-L
1.88
2.12
0.5 120
  100 1 2000 −3.5 −1.5 0 375 450 Red Black Black
MAZ4020-H
2.01
2.24
MAZ4022
2.08
2.45
MAZ4022-L
2.08
2.33
0.7 120
  100 1 2000 −3.5 −1.5 0 375 450 Red
Red
Red
MAZ4022-H
2.20
2.45
MAZ4024
2.28
2.4
2.7
MAZ4024-L
2.28
2.56
1
120
  100 1 2000 −3.5 −1.6 0 375 450 Red Yellow Yellow
MAZ4024-H
2.4
2.7
MAZ4027
2.5
2.7
2.9
MAZ4027-L
2.5
2.75
1
100
  100 1 1000 −3.5 −2
0
350 450
Red
Purple Purple
MAZ4027-H
2.65
2.9
MAZ4030
2.8
3.0
3.2
MAZ4030-L
2.83
2.9
2.97
150
 85 100 1 1000 −3.5 −2.1 0 350 450 Orange Black Black
MAZ4030-M
2.93
3.0
3.08
MAZ4030-H
3.02
3.1
3.18
MAZ4033
3.1
3.3
3.5
MAZ4033-L
3.12
3.2
3.28
120
 83 100 1 1000 −3.5 −2.4 0 325 450 Orange Orange Orange
MAZ4033-M
3.22
3.3
3.38
MAZ4033-H
3.32
3.4
3.49
MAZ4036
3.4
3.6
3.8
MAZ4036-L
3.41
3.5
3.59
110
 81 100 1 1000 −3.5 −2.4 0 300 450 Orange Blue Blue
MAZ4036-M
3.51
3.6
3.69
MAZ4036-H
3.61
3.7
3.79
MAZ4039
3.7
3.9
4.1
MAZ4039-L
3.71
3.8
3.9
110
 79 100 1 1000 −3.5 −2.5 0 300 450 Orange White White
MAZ4039-M
3.8
3.9
4.0
MAZ4039-H
3.9
4.0
4.1
MAZ4043
4.0
4.3
4.6
MAZ4043-L
4.03
4.1
4.26
110
 75 100 1 1000 −3.5 −2.5 0 275 450 Yellow Orange Orange
MAZ4043-M
4.17
4.3
4.4
MAZ4043-H
4.31
4.4
4.54
MAZ4047
4.4
4.7
5.0
MAZ4047-L
4.45
4.6
4.69
13
 50 80
1
900
−3.5 −1.4 0.2 130 180 Yellow Purple Purple
MAZ4047-M
4.59
4.7
4.83
MAZ4047-H
4.74
4.9
4.99
MAZ4051
4.8
5.1
5.4
MAZ4051-L
4.87
5.0
5.12
22
 40 60
1
800
−2.7 0.8 1.2 110 160 Green Brown Brown
MAZ4051-M
5.0
5.1
5.26
MAZ4051-H
5.14
5.3
5.4
MAZ4056
5.3
5.6
6.0
MAZ4056-L
5.3
5.4
5.58
21
 15 40
1
500
−2 1.2 2.5 95 140 Green Blue Blue
MAZ4056-M
5.48
5.6
5.76
MAZ4056-H
5.66
5.8
5.95
MAZ4062
5.8
6.2
6.6
5.3
MAZ4062-L
5.85
6.0
6.15
43
5.3
60
6
20
0.5 300 0.4 2.3 3.7
90 130
Blue
Red
Red
MAZ4062-M
6.05
6.2
6.36
5.5
MAZ4062-H
6.24
6.4
6.56
5.7
MAZ4068
6.4
6.8
7.2
5.9
MAZ4068-L
6.44
6.6
6.77
42
5.9
60
6
15
0.5 140 1.2
3
4.5
85 110
Blue
Gray
Gray
MAZ4068-M
6.64
6.8
6.98
6.1
MAZ4068-H
6.85
7.0
7.2
6.3
I Electrical characteristics within part numbers T
a
= 25°C
•V
Z = 2.0 V to 6.8 V (IZ = 5 mA)
Part Number
Zener voltage
Reverse current
Operating resistance
VZ (V)
IR1 (
µA) I
R2 (
µA) R
Z (
Ω)R
ZK (
Ω)S
Z (mV/
°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
MAZ4000 Series
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Marking
Color indication
Main body:
Yellowish green





Similar Part No. - MAZ4030-L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4030 PANASONIC-MAZ4030 Datasheet
107Kb / 7P
   Silicon planar type
MAZ4030 PANASONIC-MAZ4030 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ4030 PANASONIC-MAZ4030 Datasheet
104Kb / 7P
   Silicon planar type
MAZ40300H PANASONIC-MAZ40300H Datasheet
107Kb / 7P
   Silicon planar type
MAZ40300H PANASONIC-MAZ40300H Datasheet
104Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ4030-L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com