Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ5130 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ5130
Description  Silicon planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ5130 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ5130 Datasheet HTML 1Page - Panasonic Semiconductor MAZ5130 Datasheet HTML 2Page - Panasonic Semiconductor MAZ5130 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Zener Diodes
MAZ5000 Series
Silicon planar type
For stabilization of power supply
I Features
• Mini power type package (2-pin)
• Allowing automatic mounting with the emboss taping
• Sharp rising performance
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Average forward current
IF(AV)
250
mA
Instanious forward current
IFRM
250
mA
Total power dissipation*
1
Ptot
500
mW
Non-repetitive reverse surge
PZSM
30
W
power dissipation*
2
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +200
°C
I Common Electrical Characteristics T
a
= 25°C*1
Note) 1
.Rated input/output frequency: 50 MHz
2
.*1 : The VZ value is for the temperature of 25
°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
*3 :Tj = 25
°C to 125°C
1 : Anode
2 : Cathode
Mini Power Type Package (2-pin)
Note) *1 : With a printed-circuit board
*2 : t = 100
µs, T
j = 125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.8
0.9
V
Zener voltage*
2
VZ
IZ ·················· Specified value
V
Operating resistance
RZK
IZ ·················· Specified value
RZ
IZ ·················· Specified value
Reverse current
IR1
VR ··············· Specified value
µA
IR2
VR ··············· Specified value
µA
Temperature coefficient of zener voltage*
3
SZ
IZ ·················· Specified value
mV/
°C
Terminal capacitance
Ct
VR ··············· Specified value
pF
5.0
± 0.5
4.0
± 0.5
3.0
± 0.2
2
1
0.4
± 0.2
Refer to the list of the
electrical characteristics
within part numbers
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZ5047 : 4.7


Similar Part No. - MAZ5130

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ2000 PANASONIC-MAZ2000 Datasheet
76Kb / 6P
   Silicon planar type
logo
Tiger Electronic Co.,Lt...
MAZ2000 TGS-MAZ2000 Datasheet
200Kb / 6P
   Silicon planar type
logo
Panasonic Semiconductor
MAZ2051 PANASONIC-MAZ2051 Datasheet
142Kb / 5P
   Silicon planar type
MAZ2051 PANASONIC-MAZ2051 Datasheet
76Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ5130

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com