Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFR107 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CFR107
Description  1.0Amp. Surface Mount Fast Recovery Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CFR107 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CFR107 Datasheet HTML 1Page - Cystech Electonics Corp. CFR107 Datasheet HTML 2Page - Cystech Electonics Corp. CFR107 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C340SF
Issued Date : 2003.06.24
Revised Date :
Page No. : 2/3
CFR10XSF
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
120
140
160
Ambient Temperature---TA(℃)
Single Phase, Half
Wave 60Hz, Resistive
or Inductive Load
Forward Current vs Forward Voltage
0.01
0.1
1
10
100
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Forward Voltage---VF(V)
Tj=25℃
Pulse Width=300μs
Duty Cycle=1%
Maximum Non-Repetitive Forward
Surge Current
0
10
20
30
40
1
10
100
Numbers of Cycles at 60Hz
Tj=25℃, 8.3ms
Single Half Sine Wave,
JEDEC method
Junction Capacitance vs Reverse Voltage
0
5
10
15
20
25
30
35
40
0.01
0.1
1
10
100
Reverse Voltage---VR(V)


Similar Part No. - CFR107

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CFR107 CYSTEKEC-CFR107 Datasheet
137Kb / 3P
   1.0Amp. Fast Recovery Rectifiers
CFR107 CYSTEKEC-CFR107 Datasheet
140Kb / 3P
   1.0Amp. Surface Mount Fast Recovery Diodes
More results

Similar Description - CFR107

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CFR10XSA CYSTEKEC-CFR10XSA Datasheet
140Kb / 3P
   1.0Amp. Surface Mount Fast Recovery Diodes
CSFR10XSF CYSTEKEC-CSFR10XSF Datasheet
138Kb / 3P
   1.0Amp. Surface Mount Ultra Fast Recovery Diodes
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF101A SECOS-SMF101A Datasheet
204Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
SMF101B SECOS-SMF101B Datasheet
234Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
SMF10SS SECOS-SMF10SS Datasheet
270Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1A DYELEC-FR1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
RS1A CHONGQING-RS1A_16 Datasheet
198Kb / 1P
   1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
RS07A CHONGQING-RS07A_16 Datasheet
194Kb / 1P
   1.0AMP. SURFACE MOUNT FAST RECOVERY SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com