Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS350-20Y Datasheet(PDF) 2 Page - Total Power International

Part # TPS350-20Y
Description  SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS350-20Y Datasheet(HTML) 2 Page - Total Power International

  TPS350-20Y Datasheet HTML 1Page - Total Power International TPS350-20Y Datasheet HTML 2Page - Total Power International TPS350-20Y Datasheet HTML 3Page - Total Power International TPS350-20Y Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPS350
SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS350-10
+5V
±
10% Typical
60 A
69A
0A
±
3%
±
1%
400W Typical
TPS350-11
+12V
±
10% Typical
29.2A
33.6A
0A
±
3%
±
1%
400W Typical
TPS350-12
+15V
±
10% Typical
23.3A
26.8A
0A
±
3%
±
1%
400W Typical
TPS350-13
+24V
±
10% Typical
14.6A
16.8A
0A
±
3%
±
1%
400W Typical
TPS350-14
+48V
±
10% Typical
7.3A
8.4A
0A
±
3%
±
1%
400W Typical
TPS350-15
+36V
±
10% Typical
9.7A
11.2A
0A
±
3%
±
1%
400W Typical
TPS350-16
+56V
±
10% Typical
6.25A
7.2A
0A
±
3%
±
1%
400W Typical
TPS350-17
+18V
±
10% Typical
19.4A
22.3A
0A
±
3%
±
1%
400W Typical
TPS350-18
+3.3V
±
10% Typical
60 A
69A
0A
±
5%
±
1.5%
400W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
±
10% Typical
42A
54.6A
4.2A
±
5%
±
1%
TPS350-20Y
+12V
±
5% Typical
14A
18.2A
1.4A
±
5%
±
1%
400W Typical
+5 V
±
10% Typical
37A
45.5A
3.7A
±
5%
±
1%
TPS350-21Y
+24V
±
5% Typical
7A
9.1A
0.7A
±
5%
±
1%
400W Typical
+5 V
±
10% Typical
42A
54.6A
4.2A
±
5%
±
1%
TPS350-22Y
- 5 V
±
5% Typical
42A
54.6A
4.2A
±
5%
±
1%
400W Typical
+12V
±
10% Typical
15A
19.5A
1.5A
±
5%
±
1%
TPS350-23Y
- 12 V
±
5% Typical
15A
19.5A
1.5A
±
5%
±
1%
400W Typical
+15 V
±
10% Typical
12A
15.6A
1.2A
±
5%
±
1%
TPS350-24Y
- 15 V
±
5% Typical
12A
15.6A
1.2A
±
5%
±
1%
400W Typical
+3.3V
±
10% Typical
48A
62.4A
4.8A
±
5%
±
1.5%
TPS350-25Y
+12 V
±
5% Typical
15A
19.5A
1.5A
±
5%
±
1%
400W Typical
+ 12V
±
10% Typical
16A
20.8A
1.6A
±
5%
±
1%
TPS350-26Y
+ 24V
±
5% Typical
8A
10.4A
0.8A
±
5%
±
1%
400W Typical
+ 12V
±
10% Typical
20A
26A
2A
±
5%
±
1%
TPS350-27Y
+ 5 V
±
5% Typical
25A
32.5A
2.5A
±
5%
±
1%
400W Typical
+ 3.3V
±
10% Typical
45A
58.5A
4.5A
±
5%
±
1.5%
TPS350-28Y
+ 5 V
±
5% Typical
45A
58.5A
4.5A
±
5%
±
1%
400W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+12V
Fixed
14A
16.1A
1.4A
±
5%
±
1%
TPS350-30
- 5 V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+12V
Fixed
12A
13.8A
1.2A
±
5%
±
1%
TPS350-31
- 12V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+15V
Fixed
10A
11.5A
1A
±
5%
±
1%
TPS350-32
-15V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+15V
Fixed
11A
9.2A
1.1A
±
5%
±
1%
TPS350-33Y
- 5 V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+15V
Fixed
9A
9.2A
0.9A
±
5%
±
1%
TPS350-34Y
-12V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
400W Typical
+ 5 V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+24V
Fixed
7.2A
8.3A
0.72A
±
5%
±
1%
TPS350-35
-12V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
400W Typical
+ 5V
±
10% Typical
30A
34.5A
3A
±
5%
±
1%
+12V
Fixed
15A
17.3A
1.5A
±
5%
±
1%
TPS350-36
- 12V
Fixed
5A
5.8A
0.5A
±
10%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+12V
Fixed
12A
13.8A
1.2A
±
5%
±
1%
TPS350-37
+24V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+24V
Fixed
2 A
6.9A
0.2 A
±
5%
±
1%
TPS350-38Y
+48V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
400W Typical
TOTAL POWER, INC. TEL:877-646-0900 FAX:978-453-7395
E-mail:sales@total-power.com
http://www.total-power.com
-2-
TOTAL POWER


Similar Part No. - TPS350-20Y

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS350-20Y TOTAL-POWER-TPS350-20Y Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS350-20Y TOTAL-POWER-TPS350-20Y Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
More results

Similar Description - TPS350-20Y

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS-350 TOTAL-POWER-TPS-350 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-100 TOTAL-POWER-TPS-100 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS-150 TOTAL-POWER-TPS-150 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS150 TOTAL-POWER-TPS150 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
logo
FSP TECHNOLOGY INC.
FSP350-F35-A FSP-FSP350-F35-A Datasheet
1Mb / 3P
   350W ITE POWER SUPPLIES
2022.10
logo
Total Power Internation...
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-180P TOTAL-POWER-TPS-180P Datasheet
948Kb / 4P
   TPS180 SWITCHING MODE 180W U CHANNEL POWER SUPPLY
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
   Single Output 350W Medical & ITE Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com