Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU214 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MAU214
Description  1W, High Isolation SIP, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU214 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MAU214 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU214 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU214 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU214 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MAU214 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MAU214 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
80
5
53
{0.7
{34
{15
MAU229
79
5
53
{0.8
{42
{12
MAU228
76
5
55
{1
{56
{9
MAU227
72
8
58
{2
{100
{5
MAU226
79
5
53
1
67
15
MAU225
78
5
54
1.5
84
12
MAU224
76
5
54
2
110
9
MAU223
71
8
59
4
200
5
MAU222
73
8
7
49
5
260
3.3
24
(21.6 ~ 26.4)
MAU221
81
5
105
{0.7
{34
{15
MAU219
81
5
104
{0.8
{42
{12
MAU218
79
5
106
{1
{56
{9
MAU217
74
8
113
{2
{100
{5
MAU216
80
5
104
1
67
15
MAU215
80
5
105
1.5
84
12
MAU214
78
5
106
2
110
9
MAU213
73
8
114
4
200
5
MAU212
74
8
12
96
5
260
3.3
12
(10.8 ~ 13.2)
MAU211
79
7
258
{0.7
{34
{15
MAU209
78
7
258
{0.8
{42
{12
MAU208
77
8
262
{1
{56
{9
MAU207
72
10
278
{2
{100
{5
MAU206
78
7
258
1
67
15
MAU205
78
7
258
1.5
84
12
MAU204
76
8
260
2
110
9
MAU203
71
10
281
4
200
5
MAU202
73
10
30
235
5
260
3.3
5
(4.5 ~ 5.5)
MAU201
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+85
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
450
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
30
-0.7
24VDC Input Models
VDC
18
-0.7
12VDC Input Models
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Ripple & Noise measurement bandwidth is 0-20
MHz.
3. These power converters require a minimum
output loading to maintain specified regulation.
4. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
5. All DC/DC converters should be externally fused at
the front end for protection.
6. Other input and output voltage may be available,
please contact factory.
7. Specifications subject to change without notice.
Absolute Maximum Ratings
MAU200 Series
2
MINMAX
REV:0 2005/04


Similar Part No. - MAU214

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU214 TOTAL-POWER-MAU214 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU214 MINMAX-MAU214 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU214 MINMAX-MAU214 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Total Power Internation...
MAU214 TOTAL-POWER-MAU214 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU214

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com