Electronic Components Datasheet Search |
|
MAU214 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd. |
|
MAU214 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd. |
3 / 6 page K Hours --- --- 2000 MIL-HDBK-217F @ 25], Ground Benign MTBF KHz 120 100 70 Switching Frequency pF 100 60 --- 100KHz,1V Isolation Capacitance G[ --- --- 10 500VDC Isolation Resistance VDC --- --- 3300 Flash Tested for 1 Second Isolation Voltage Test VDC --- --- 3000 60 Seconds Isolation Voltage Rated Unit Max. Typ. Min. Conditions Parameter General Specifications 0.5 Second Max. Output Short Circuit %/] {0.02 {0.01 --- Temperature Coefficient % --- --- 120 Over Load mV rms 5 --- --- Ripple & Noise (20MHz) mV P-P 150 --- --- Over Line, Load & Temp. Ripple & Noise (20MHz) mV P-P 100 65 --- Ripple & Noise (20MHz) % See Model Selection Guide Io=20% to 100% Load Regulation % {1.5 {1.2 --- For Vin Change of 1% Line Regulation % {1.0 {0.1 --- Dual Output, Balanced Loads Output Voltage Balance % {3.0 {1.0 --- Output Voltage Accuracy Unit Max. Typ. Min. Conditions Parameter Output Specifications Internal Capacitor Input Filter A 0.3 --- --- All Models Reverse Polarity Input Current 26.4 24 21.6 24V Input Models 13.2 12 10.8 12V Input Models VDC 5.5 5 4.5 5V Input Models Input Voltage Range Unit Max. Typ. Min. Model Parameter Input Specifications # For each output uF 100 100 100 100 220 220 220 220 220 Maximum Capacitive Load Unit {15V # {12V # {9V # {5V # 15V 12V 9V 5V 3.3V Models by Vout Capacitive Load 100mA Slow - Blow Type 200mA Slow - Blow Type 500mA Slow - Blow Type 24V Input Models 12V Input Models 5V Input Models Input Fuse Selection Guide MAU200 Series REV:0 2005/04 MINMAX 3 |
Similar Part No. - MAU214 |
|
Similar Description - MAU214 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |