Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW1145 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MIW1145
Description  3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1145 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MIW1145 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
135mA Slow - Blow Type
350mA Slow - Blow Type
700mA Slow - Blow Type
1500mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
12VDC Input Models
5VDC Input Models
Input Voltage Transient Rating
MIW1100 Series
4
MINMAX
REV:0 2005/04


Similar Part No. - MIW1145

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1145 TOTAL-POWER-MIW1145 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1145 MINMAX-MIW1145 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW1145 MINMAX-MIW1145 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
More results

Similar Description - MIW1145

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1000 MINMAX-MIW1000 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1300 MINMAX-MIW1300 Datasheet
234Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com