Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW1144 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MIW1144
Description  3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1144 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIW1144 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
81
77
{10
{100
{15
MIW1145
81
77
{12.5
{125
{12
MIW1144
81
77
20
200
15
MIW1143
81
77
25
250
12
MIW1142
77
10
3
81
60
600
5
48
( 36 ~ 75 )
MIW1141
81
154
{10
{100
{15
MIW1135
81
154
{12.5
{125
{12
MIW1134
81
154
20
200
15
MIW1133
81
154
25
250
12
MIW1132
77
15
5
162
60
600
5
24
( 18 ~ 36 )
MIW1131
80
313
{10
{100
{15
MIW1125
80
313
{12.5
{125
{12
MIW1124
80
313
20
200
15
MIW1123
80
313
25
250
12
MIW1122
76
30
20
329
60
600
5
12
( 9 ~ 18 )
MIW1121
74
811
{10
{100
{15
MIW1115
74
811
{12.5
{125
{12
MIW1114
74
811
20
200
15
MIW1113
74
811
25
250
12
MIW1112
70
100
40
857
60
600
5
5
( 4.5 ~ 9 )
MIW1111
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+71
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
2,500
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
VDC
11
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum
output loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MIW1100 Series
2
MINMAX
REV:0 2005/04


Similar Part No. - MIW1144

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1144 TOTAL-POWER-MIW1144 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1144 MINMAX-MIW1144 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW1144 MINMAX-MIW1144 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
More results

Similar Description - MIW1144

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1000 MINMAX-MIW1000 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1300 MINMAX-MIW1300 Datasheet
234Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com