Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW3046 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MIW3046
Description  5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW3046 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIW3046 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW3046 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW3046 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW3046 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW3046 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW3046 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW3046 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW3046 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
86
145
{10
{200
{15
MIW3047
86
145
{12.5
{250
{12
MIW3046
83
126
{25
{500
{5
MIW3045
86
145
20
400
15
MIW3044
86
145
25
500
12
MIW3043
83
126
50
1000
5
MIW3042
79
10
3
104
60
1200
3.3
48
( 36 ~ 75 )
MIW3041
86
291
{10
{200
{15
MIW3037
86
291
{12.5
{250
{12
MIW3036
83
251
{25
{500
{5
MIW3035
86
291
20
400
15
MIW3034
86
291
25
500
12
MIW3033
83
251
50
1000
5
MIW3032
79
15
5
209
60
1200
3.3
24
( 18 ~ 36 )
MIW3031
84
595
{10
{200
{15
MIW3027
84
595
{12.5
{250
{12
MIW3026
81
514
{25
{500
{5
MIW3025
84
595
20
400
15
MIW3024
84
595
25
500
12
MIW3023
81
514
50
1000
5
MIW3022
77
25
20
429
60
1200
3.3
12
( 9 ~ 18 )
MIW3021
82
1463
{10
{200
{15
MIW3017
82
1463
{12.5
{250
{12
MIW3016
79
1265
{25
{500
{5
MIW3015
82
1463
20
400
15
MIW3014
82
1463
25
500
12
MIW3013
79
1265
50
1000
5
MIW3012
75
100
70
1056
60
1200
3.3
5
(4.5 ~ 7 )
MIW3011
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+71
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
2,500
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
VDC
10
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum output
loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MIW3000 Series
2
MINMAX
REV:0 2005/04


Similar Part No. - MIW3046

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW3046 TOTAL-POWER-MIW3046 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3046 MINMAX-MIW3046 Datasheet
285Kb / 4P
   DC/DC CONVERTER 5-6W, DIP-24 Metal Package
More results

Similar Description - MIW3046

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 MINMAX-MIW4100 Datasheet
221Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com