Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDW1023 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MDW1023
Description  2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDW1023 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MDW1023 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDW1023 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDW1023 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDW1023 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MDW1023 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MDW1023 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MDW1023 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MDW1023 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
77
57
{17
{67
{15
MDW1047
77
57
{21
{83
{12
MDW1046
71
62
{50
{200
{5
MDW1045
79
55
33
134
15
MDW1044
79
53
42
167
12
MDW1043
73
57
100
400
5
MDW1042
71
10
8
49
125
500
3.3
48
( 36 ~ 75 )
MDW1041
80
110
{17
{67
{15
MDW1037
78
112
{21
{83
{12
MDW1036
74
119
{50
{200
{5
MDW1035
81
108
33
134
15
MDW1034
80
109
42
167
12
MDW1033
77
109
100
400
5
MDW1032
72
15
10
96
125
500
3.3
24
( 18 ~ 36 )
MDW1031
78
226
{17
{67
{15
MDW1027
78
224
{21
{83
{12
MDW1026
73
242
{50
{200
{5
MDW1025
80
220
33
134
15
MDW1024
80
209
42
167
12
MDW1023
77
217
100
400
5
MDW1022
73
25
20
184
125
500
3.3
12
( 9 ~ 18 )
MDW1021
71
598
{17
{67
{15
MDW1017
69
615
{21
{83
{12
MDW1016
64
667
{50
{200
{5
MDW1015
73
582
33
134
15
MDW1014
75
534
42
167
12
MDW1013
73
548
100
400
5
MDW1012
70
100
40
471
125
500
3.3
5
( 4.5 ~ 9 )
MDW1011
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+65
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
1,800
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
VDC
11
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
NoteS :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum output
loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused
on the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MDW1000 Series
2
MINMAX
REV:1 2006/03


Similar Part No. - MDW1023

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MDW1023 TOTAL-POWER-MDW1023 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MDW1023 MINMAX-MDW1023 Datasheet
294Kb / 4P
   DC/DC CONVERTER 2W, Small DIP-16 Plastic Package
More results

Similar Description - MDW1023

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
   2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
MSDW1000 MINMAX-MSDW1000 Datasheet
223Kb / 8P
   2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com