Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ4036-M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZ4036-M
Description  Silicon planar type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4036-M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZ4036-M Datasheet HTML 1Page - Panasonic Semiconductor MAZ4036-M Datasheet HTML 2Page - Panasonic Semiconductor MAZ4036-M Datasheet HTML 3Page - Panasonic Semiconductor MAZ4036-M Datasheet HTML 4Page - Panasonic Semiconductor MAZ4036-M Datasheet HTML 5Page - Panasonic Semiconductor MAZ4036-M Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Zener Diodes
MAZ4075
7.0
7.5
7.9
6.5
MAZ4075-L
7.07
7.3
7.43
51
6.5
60
6
15
0.5 120 2.5
4
5.3
80 100 Purple Green Green
MAZ4075-M
7.29
7.5
7.67
6.7
MAZ4075-H
7.51
7.7
7.89
7.0
MAZ4082
7.7
8.2
8.7
7.2
MAZ4082-L
7.77
7.9
8.17
5
0.5
7.2
60
6
15
0.5 120 3.2 4.6 6.2
75
95
Gray
Red
Red
MAZ4082-M
8.03
8.2
8.43
7.5
MAZ4082-H
8.29
8.5
8.7
7.7
MAZ4091
8.5
9.1
9.6
8
MAZ4091-L
8.58
8.8
9.02
6
0.2
8
60
6
15
0.5 130 3.8 5.5
7
70
90 White Brown Brown
MAZ4091-M
8.87
9.1
9.33
8.3
MAZ4091-H
9.14
9.4
9.6
8.6
MAZ4100
9.4
10
10.6
8.9
MAZ4100-L
9.44
9.7
9.92
7
0.2
8.9
60
8
20
0.5 130 4.5 6.4
8
70
90 Brown Black
MAZ4100-M
9.75
10
10.25
9.2
MAZ4100-H
10.07 10.3 10.59
9.5
MAZ4110
10.4
11
11.6
9.9
MAZ4110-L
10.4
10.7 10.94
7
0.1
9.9
60
10
20
0.5 170 5.4 7.4
9
65
85 Brown Brown
MAZ4110-M
10.73
11
11.28
10.2
MAZ4110-H
11.05 11.3
11.6
10.5
MAZ4120
11.4
12
12.7
10.9
MAZ4120-L
11.4
11.7 11.96
8
0.1
10.9
60
10
25
0.5 170
6
8.4
10
65
85 Brown
Red
MAZ4120-M
11.73
12
12.33
11.2
MAZ4120-H
12.06 12.3 12.68
11.5
MAZ4130
12.4
13
14.1
11.9
MAZ4130-L
12.4
12.7 12.99
9
0.1
11.9
60
10
30
0.5 170
7
9.4
11
60
80 Brown Orange
MAZ4130-M
12.73
13
13.4
12.2
MAZ4130-H
13.25 13.7 14.08
12.7
MAZ4140-M
13.65
14
14.35
9
0.1 13.1 60
10
30
0.5 170
7
10
13
60
80 Brown Yellow
MAZ4150
13.9
15
15.6
13.4
MAZ4150-L
13.9
14.3 14.76
10 0.05
13.4
60
10
30
0.5 170 9.2 11.4 13
55
75 Brown Green
MAZ4150-M
14.6
15
15.35
14.1
MAZ4150-H
14.95 15.3
15.6
14.4
MAZ4160
15.3
16
17.1
14.8
MAZ4160-L
15.3
15.7 16.09
11 0.05
14.8
60
10
40
0.5 170 10.4 12.4 14
52
75 Brown Blue
MAZ4160-M
15.7
16
16.5
15.2
MAZ4160-H
16.26 16.7
17.1
15.7
MAZ4180
16.9
18
19.1
16.4
MAZ4180-L
16.9
17.3 17.76
13 0.05
16.4
60
10
45
0.5 170 12.4 14.4 16
47
70 Brown Gray
MAZ4180-M
17.55
18
18.45
17
MAZ4180-H
18.2
18.7
19.1
17.7
MAZ4200
18.8
20
21.2
18.3
MAZ4200-L
18.85 19.3 19.81
14 0.05
18.3
60
15
55
0.5 180 14.4 16.4 18
36
60
Red
Black
MAZ4200-M
19.50
20
20.5
19
MAZ4200-H
20.15 20.7 21.19
19.6
Part Number
Zener voltage
Reverse current
Operating resistance
VZ (V)
IR1 (
µA) I
R2 (
µA) R
Z (
Ω)R
ZK (
Ω)S
Z (mV/
°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
MAZ4000 Series
I Electrical characteristics within part numbers (continued) T
a = 25
°C
•V
Z = 7.5 V to 20 V (IZ = 5 mA)
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Marking
Color indication
Main body:
Yellowish green





Similar Part No. - MAZ4036-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4036 PANASONIC-MAZ4036 Datasheet
107Kb / 7P
   Silicon planar type
MAZ4036 PANASONIC-MAZ4036 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ4036 PANASONIC-MAZ4036 Datasheet
104Kb / 7P
   Silicon planar type
MAZ40360H PANASONIC-MAZ40360H Datasheet
107Kb / 7P
   Silicon planar type
MAZ40360H PANASONIC-MAZ40360H Datasheet
104Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ4036-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com