Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW5043 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # MKW5043
Description  25-30W, Wide Input Range, Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW5043 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  MKW5043 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW5043 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW5043 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW5043 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW5043 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW5043 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW5043 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW5043 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor
Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to
simulate source impedance.
Capacitor Cin, offsets possible battery impedance.
Current ripple is measured at the input terminals of the
module, measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 1.0uF ceramic capacitor.
Scope measurement should be made by using a BNC
socket, measurement bandwidth is 0-20 MHz. Position the
load between 50 mm and 75 mm from the DC/DC Converter.
Design & Feature Considerations
Remote On/Off
Positive logic remote on/off turns the module on during a
logic high voltage on the remote on/off pin, and off during a
logic low.
To turn the power module on and off, the user must supply
a switch to control the voltage between the on/off terminal and
the -Vin terminal.
The switch can be an open collector or equivalent.
A logic low is -1V to 1.0V.
A logic high is 2.5V to 100V.
The maximum sink current at the on/off terminal (Pin 3)
during a logic low is -100uA.
The maximum allowable leakage current of a switch
connected to the on/off terminal (Pin 3) at logic high (2.5V to
100V) is 5uA.
Output Voltage Trim
Output voltage trim allows the user to increase or decrease
the output voltage set point of a module.
The output voltage can be adjusted by placing an external
resistor (Radj) between the Trim and +Vout or -Vout
terminals. By adjusting Radj, the output voltage can be
change by {10% of the nominal output voltage.
A 10K, 1 or 10 Turn trimpot is usually specified for
continuous trimming. Trim pin may be safely left floating if it is
not used.
Connecting the external resistor (Radj-up) between the
Trim and -Vout pins increases the output voltage to set the
point as defined in the following equation:
Vadj - Vout
(33*Vout)- (30*Vadj)
Radj-up =
Connecting the external resistor (Radj-down) between the
Trim and +Vout pins decreases the output voltage set point as
defined in the following equation:
Vout-Vadj
(36.667*Vadj) - (33*Vout)
Radj-down =
VDC/ K[
:
Units
Adjusted Output Voltage
:
Vadj
Nominal Output Voltage
:
Vout
Overcurrent Protection
To provide protection in a fault (output overload) condition,
the unit is equipped with internal current limiting circuitry and
can endure current limiting for an unlimited duration. At the
point of current-limit inception, the unit shifts from voltage
control to current control. The unit operates normally once the
output current is brought back into its specified range.
Overvoltage Protection
The output overvoltage clamp consists of control circuitry,
which is independent of the primary regulation loop, that
monitors the voltage on the output terminals.
The control loop of the clamp has a higher voltage set
point than the primary loop.
This provides a redundant voltage control that reduces the
risk of output overvoltage.
The OVP level can be found in the output data.
MKW5000 Series
6
MINMAX
REV:0 2005/04
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
+Out
-Out
+Vin
-Vin
Trim Up
Enable
Trim
Trim Down
10K
Trim
Up/Down


Similar Part No. - MKW5043

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW5043 TOTAL-POWER-MKW5043 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW5043 MINMAX-MKW5043 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MKW5043 MINMAX-MKW5043 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
logo
Total Power Internation...
MKW5043 TOTAL-POWER-MKW5043 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW5043

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com