Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW2633 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKW2633
Description  15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2633 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKW2633 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2633 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2633 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2633 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW2633 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW2633 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW2633 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW2633 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pi Filter
Input Filter
mW
3500
---
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
17
15
13
48V Input Models
8.5
8
7
24V Input Models
Under Voltage Shutdown
18
17
15
48V Input Models
VDC
9
8.5
8
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{4
{2
---
Transient Response Deviation
uS
500
300
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
80
55
---
Ripple & Noise (20MHz)
%
{1.0
{0.5
---
Io=10% to 100%
Load Regulation
%
{0.5
{0.1
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{2.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
K Hours
---
---
700
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
400
330
290
Switching Frequency
pF
1500
1200
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Referenced to Negative Input
Control Common
mA
-1
---
---
Vin-RC=0V
Control Input Current ( off )
uA
50
---
---
Vin-RC=5.0V
Control Input Current ( on )
mA
10
---
---
Standby Input Current
VDC
0.8
---
-0.7
Supply Off
2.5 to 5.5VDC or Open Circuit
Supply On
Unit
Max.
Typ.
Min.
Conditions
Parameter
Remote On/Off Control
MKW2600 Series
REV:0 2005/04
MINMAX
3


Similar Part No. - MKW2633

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2633 TOTAL-POWER-MKW2633 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2633 MINMAX-MKW2633 Datasheet
3Mb / 4P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
logo
Total Power Internation...
MKW2633 TOTAL-POWER-MKW2633 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
More results

Similar Description - MKW2633

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
   Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A300RU MPD-A300RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com