Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU423 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # MSAU423
Description  2W, Miniature SMD, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU423 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MSAU423 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dual Output
15.24
1.20
2.54
5.08
2.54
2.54
14.8[0.58]
14.8[0.58]
9.3[0.36]
8.9[0.35]
8.6[0.33]
10.0[0.39]
11.8[0.46]
0.6[0.023]
0 ~4
15.3[0.60]
2.54[0.10]
2.54 2.54
5.08
2.54
[0.100] [0.100]
[0.200] [0.100]
0.15
1.0
12
45
7
10
Single Output
12.75
1.20
5.08
2.54
2.54
10.0[0.39]
11.8[0.46]
8.6[0.33]
12.4[0.48]
12.4[0.48]
8.9[0.35]
9.3[0.36]
0.6[0.023]
0 ~4
0.15
12.7[0.50]
2.57 2.54
5.08
2.57[0.101]
[0.200]
[0.100]
[0.101]
1.0
12
4
5
8
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
MSAU400 Series
REV:0 2005/04
MINMAX
5


Similar Part No. - MSAU423

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU423 MINMAX-MSAU423 Datasheet
272Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSAU423 MINMAX-MSAU423 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Total Power Internation...
MSAU423 TOTAL-POWER-MSAU423 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU423

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com