Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW2531 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKW2531
Description  15W, Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2531 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKW2531 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2531 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2531 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2531 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW2531 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW2531 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW2531 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW2531 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pi Filter
Input Filter
mW
3500
---
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
34
29
25
48V Input Models
17
15
13
24V Input Models
8.5
8
7
12V Input Models
Under Voltage Shutdown
36
33
30
48V Input Models
18
17
15
24V Input Models
VDC
9
8.5
8
12V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{4
{2
---
Transient Response Deviation
uS
500
300
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp
Ripple & Noise (20MHz)
mV P-P
80
55
---
Ripple & Noise (20MHz)
%
{1.0
{0.5
---
Io=10% to 100%
Load Regulation
%
{0.5
{0.1
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{2.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
K Hours
---
---
700
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
400
330
290
Switching Frequency
pF
1500
1200
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Referenced to Negative Input
Control Common
mA
-1
---
---
Vin-RC=0V
Control Input Current ( off )
uA
50
---
---
Vin-RC=5.0V
Control Input Current ( on )
mA
10
---
---
Standby Input Current
VDC
0.8
---
-0.7
Supply Off
2.5 to 5.5VDC or Open Circuit
Supply On
Unit
Max.
Typ.
Min.
Conditions
Parameter
Remote On/Off Control
MKW2500 Series
REV:0 2005/04
MINMAX
3


Similar Part No. - MKW2531

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2531 TOTAL-POWER-MKW2531 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2531 MINMAX-MKW2531 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
logo
Total Power Internation...
MKW2531 TOTAL-POWER-MKW2531 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
MKW2531A TOTAL-POWER-MKW2531A Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
More results

Similar Description - MKW2531

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com