Electronic Components Datasheet Search |
|
MKW2529 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd. |
|
MKW2529 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd. |
8 / 8 page The MKW2500 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical characteristics over a wide temperature range or in high humidity environments. The encapsulant and unit case are both rated to UL 94V-0 flammability specifications. Leads are tin plated for improved solderability. UL94V-0 : Flammability Remote On/Off (Optional) 6 32g : Weight -Vout -Vout 5 Common No Pin 4 Metal With Non-Conductive Baseplate : Case Material +Vout +Vout 3 -Vin -Vin 2 2.0*1.0*0.4 inches +Vin +Vin 1 50.8*25.4*10.2 mm : Case Size Dual Output Single Output Pin Physical Characteristics Pin Connections {0.002 {0.05 Pin X.XXX{0.005 X.XX{0.13 X.XX{0.01 X.X{0.25 Inches Millimeters Tolerance Dual Output Single Output 25.4 [1.00] 10.2 [0.40] 6.0 [0.24] 10.2 [0.40] Bottom Side 12 34 5 6 10.20 [0.402] 10.20 [0.402] 2.5 [0.1] 5.08 [0.200] Connecting Pin Patterns Top View ( 2.54 mm / 0.1 inch grids ) Mechanical Dimensions MKW2500 Series 8 MINMAX REV:0 2005/04 |
Similar Part No. - MKW2529 |
|
Similar Description - MKW2529 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |