Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW2622 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MKW2622
Description  15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2622 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MKW2622 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2622 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2622 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2622 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW2622 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW2622 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW2622 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW2622 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
# For each output
uF
220
220
220
470
470
470
470
470
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
15V
12V
5.1V
5V
3.3V
Models by Vout
Capacitive Load
1250mA Slow - Blow Type
2500mA Slow - Blow Type
48V Input Models
24V Input Models
Input Fuse Selection Guide
10uS
125
120
115
110
105
100
80
75
70
100uS
1mS
10mS
100mS
65
60
55
50
45
40
48VDC Input Models
24VDC Input Models
130
Input Voltage Transient Rating
MKW2600 Series
4
MINMAX
REV:0 2005/04


Similar Part No. - MKW2622

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2622 TOTAL-POWER-MKW2622 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2622 MINMAX-MKW2622 Datasheet
3Mb / 4P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
logo
Total Power Internation...
MKW2622 TOTAL-POWER-MKW2622 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
More results

Similar Description - MKW2622

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
   Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A300RU MPD-A300RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com