Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW3021 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MKW3021
Description  20W, Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW3021 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MKW3021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW3021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW3021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW3021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW3021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW3021 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW3021 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW3021 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
# For each output
uF
270
270
680
680
6800
6800
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
1000mA Slow - Blow Type
2000mA Slow - Blow Type
4000mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
Input Fuse Selection Guide
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
12VDC Input Models
Input Voltage Transient Rating
MKW3000 Series
4
MINMAX
REV:0 2005/04


Similar Part No. - MKW3021

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3021 TOTAL-POWER-MKW3021 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3021 MINMAX-MKW3021 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
logo
Total Power Internation...
MKW3021 TOTAL-POWER-MKW3021 Datasheet
758Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW3021

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com