Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW1023 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MKW1023
Description  10W, Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW1023 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

  MKW1023 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 90°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
MKW1000 Series
REV:0 2005/04
MINMAX
7
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - MKW1023

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW1023 TOTAL-POWER-MKW1023 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MKW1023 MINMAX-MKW1023 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
logo
Total Power Internation...
MKW1023 TOTAL-POWER-MKW1023 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
More results

Similar Description - MKW1023

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com