Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2E08 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # S2E08
Description  1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

S2E08 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  S2E08 Datasheet HTML 1Page - Minmax Technology Co., Ltd. S2E08 Datasheet HTML 2Page - Minmax Technology Co., Ltd. S2E08 Datasheet HTML 3Page - Minmax Technology Co., Ltd. S2E08 Datasheet HTML 4Page - Minmax Technology Co., Ltd. S2E08 Datasheet HTML 5Page - Minmax Technology Co., Ltd. S2E08 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The S2E00 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
-Vin
-Vin
24
-Vin
-Vin
23
UL94V-0
:
Flammability
-Vout
No Pin
15
Common
-Vout
14
12g
:
Weight
Common
-Vout
13
+Vout
+Vout
12
Non-Conductive Black Plastic
:
Case Material
+Vout
+Vout
11
+Vin
+Vin
2
1.25*0.80*0.40 inches
+Vin
+Vin
1
31.8*20.3*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
31.8 [1.25]
2.0 [0.08]
Bottom
Side
12
12
11
14 13
15
23
24
0.50 [0.020]
2.54 [0.100]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
S2E00 Series
6
MINMAX
REV:0 2005/04


Similar Part No. - S2E08

ManufacturerPart #DatasheetDescription
logo
ebm-papst
S2E200-BF02-01 EBMPAPST-S2E200-BF02-01 Datasheet
459Kb / 10P
   AC axial fans
S2E200-BF02-2 EBMPAPST-S2E200-BF02-2 Datasheet
459Kb / 10P
   AC axial fans
S2E250-BE65-01 EBMPAPST-S2E250-BE65-01 Datasheet
459Kb / 10P
   AC axial fans
S2E250-BE65-02 EBMPAPST-S2E250-BE65-02 Datasheet
459Kb / 10P
   AC axial fans
S2E300-BC47-01 EBMPAPST-S2E300-BC47-01 Datasheet
459Kb / 10P
   AC axial fans
More results

Similar Description - S2E08

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A100HI MPD-A100HI Datasheet
202Kb / 2P
   Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
   5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
   Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
3RB-XD MICRODC-3RB-XD Datasheet
459Kb / 2P
   Isolated 1.5W Single Output DC-DC Converters
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
   Isolated 1.5W Single Output DC-DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com