Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW1021 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MKW1021
Description  10W, Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW1021 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

  MKW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW1021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW1021 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW1021 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW1021 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The MKW1000 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
UL94V-0
:
Flammability
32g
:
Weight
-Vout
-Vout
5
Common
No Pin
4
Metal With Non-Conductive Baseplate
:
Case Material
+Vout
+Vout
3
-Vin
-Vin
2
2.0*1.0*0.4 inches
+Vin
+Vin
1
50.8*25.4*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
10.2 [0.40]
6.0 [0.24]
10.2 [0.40]
Bottom
Side
12
34
5
10.20 [0.402] 10.20 [0.402]
2.5 [0.10]
25.4 [1.00]
5.08 [0.200]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
MKW1000 Series
8
MINMAX
REV:0 2005/04


Similar Part No. - MKW1021

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW1021 TOTAL-POWER-MKW1021 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MKW1021 MINMAX-MKW1021 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
logo
Total Power Internation...
MKW1021 TOTAL-POWER-MKW1021 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
More results

Similar Description - MKW1021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com