Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBA114ES6R Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # HBA114ES6R
Description  Dual NPN Digital Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBA114ES6R Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  HBA114ES6R Datasheet HTML 1Page - Cystech Electonics Corp. HBA114ES6R Datasheet HTML 2Page - Cystech Electonics Corp. HBA114ES6R Datasheet HTML 3Page - Cystech Electonics Corp. HBA114ES6R Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C351S6R
Issued Date : 2003.05.22
Revised Date :
Page No. : 4/4
HBC114ES6R
CYStek Product Specification
SOT-363R Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.071
0.087
1.8
2.2
J
0.004
0.010
0.1
0.25
B
0.045
0.053
1.15
1.35
K
0.004
0.012
0.1
0.30
C
0.031
0.043
0.8
1.1
N
0.008 REF
0.20 REF
D
0.004
0.012
0.1
0.3
S
0.079
0.087
2.00
2.20
G
0.026BSC
0.65BSC
Y
0.012
0.016
0.30
0.40
H
-
0.004
-
0.1
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
6-Lead SOT-363R Plastic
Surface Mounted Package
CYStek Package Code: S6R
Style:
Pin 1. Emitter1 (E1)
Pin 2. Base1 (B1)
Pin 3. Collector2 (C2)
Pin 4. Emitter2 (E2)
Pin 5. Base2 (B2)
Pin 6. Collector1 (C1)
Marking:
7A


Similar Part No. - HBA114ES6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBA114ES6R CYSTEKEC-HBA114ES6R Datasheet
258Kb / 6P
   Dual PNP Digital Transistors
More results

Similar Description - HBA114ES6R

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMH1 JIANGSU-EMH1 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
UMH15N JIANGSU-UMH15N Datasheet
2Mb / 4P
   Dual Digital Transistors (NPNNPN)
EMH4 JIANGSU-EMH4 Datasheet
813Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH11 JIANGSU-EMH11 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMG11 JIANGSU-EMG11 Datasheet
703Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMD2 JIANGSU-EMD2 Datasheet
6Mb / 5P
   Dual Digital Transistors (NPNNPN)
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
   dual digital transistors ( NPN NPN)
UMH14N HTSEMI-UMH14N Datasheet
399Kb / 1P
   dual digital transistors (NPN NPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com