Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPG65-15 Datasheet(PDF) 3 Page - Total Power International

Part # TPG65-15
Description  OPEN FRAME P/S
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPG65-15 Datasheet(HTML) 3 Page - Total Power International

  TPG65-15 Datasheet HTML 1Page - Total Power International TPG65-15 Datasheet HTML 2Page - Total Power International TPG65-15 Datasheet HTML 3Page - Total Power International TPG65-15 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPG65
SWITCHING MODE 65W OPEN FRAME POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, input not less nominal line, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated if 12 VDC input version.
TOTAL POWER, INT.
TEL:877-646-0900 FAX:978-453-7395
E-mail: sales@total-power.com http://www.total-power.com
-3-


Similar Part No. - TPG65-15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
logo
Total Power Internation...
TPG-65 TOTAL-POWER-TPG-65 Datasheet
113Kb / 4P
   TPG65 Open Frame P/S
More results

Similar Description - TPG65-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPG-65 TOTAL-POWER-TPG-65 Datasheet
113Kb / 4P
   TPG65 Open Frame P/S
logo
ETA-USA
OBQ-SC ETA-USA-OBQ-SC Datasheet
8Mb / 4P
   3W Open Frame
OEJ05SC ETA-USA-OEJ05SC Datasheet
1Mb / 4P
   1.5W Open Frame
DTMF250-SX-F-W6 ETA-USA-DTMF250-SX-F-W6 Datasheet
3Mb / 2P
   250W Open Frame
ZME200-SX-F-W ETA-USA-ZME200-SX-F-W Datasheet
2Mb / 2P
   200W Open Frame
OES-SC ETA-USA-OES-SC Datasheet
4Mb / 3P
   10W Open Frame
FHF-SX ETA-USA-FHF-SX Datasheet
1Mb / 4P
   300W Open Frame
FHP-SX ETA-USA-FHP-SX Datasheet
1Mb / 4P
   450W Open Frame
ZMB-SX-W ETA-USA-ZMB-SX-W Datasheet
3Mb / 3P
   60W Open Frame
OBS05SC ETA-USA-OBS05SC Datasheet
8Mb / 4P
   10W Open Frame
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com