Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC123YS3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # DTC123YS3
Description  PNP Digital Transistors (Built-in Resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC123YS3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  DTC123YS3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC123YS3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC123YS3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC123YS3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C262S3
Issued Date : 2004.03.03
Revised Date :
Page No. : 3/4
DTA123YS3
CYStek Product Specification
Characteristic Curves
DC Current Gain vs Output Current
1
10
100
1000
0.1
1
10
100
Output Current---Io(mA)
Vo=5V
Output Voltage vs Output Current
10
100
1000
1
10
100
Output Current ---Io(mA)
Io / Ii = 20
Input Voltage vs Output Current (ON Characteristics)
0.1
1
10
0.1
1
10
100
Output Current --- Io(mA)
Vo=0.3V
Output Current vs Input Voltage (OFF Characteristics)
0.01
0.1
1
10
0
0.511.5
2
Input Voltage --- Vi(off)(V)
Vcc=5V
Power Derating Curve
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature --- TA(℃ )


Similar Part No. - DTC123YS3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC123YS3 CYSTEKEC-DTC123YS3 Datasheet
277Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC123YS3-0-T1-G CYSTEKEC-DTC123YS3-0-T1-G Datasheet
277Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC123YS3 CYSTEKEC-DTC123YS3_16 Datasheet
277Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC123YS3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA123JC3 CYSTEKEC-DTA123JC3 Datasheet
329Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA114ES3 CYSTEKEC-DTA114ES3_16 Datasheet
279Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143EE SECOS-DTA143EE Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA114YN3 CYSTEKEC-DTA114YN3_11 Datasheet
256Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA124EN3 CYSTEKEC-DTA124EN3 Datasheet
156Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com