Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143TN3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTA143TN3
Description  PNP Digital Transistors (Built-in Resistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTA143TN3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTA143TN3 Datasheet HTML 1Page - Cystech Electonics Corp. DTA143TN3 Datasheet HTML 2Page - Cystech Electonics Corp. DTA143TN3 Datasheet HTML 3Page - Cystech Electonics Corp. DTA143TN3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C269N3
Issued Date : 2003.04.29
Revised Date :
Page No. : 2/4
DTA143TN3
CYStek Product Specification
Electrical Characteristics (Ta=25°C)
Parameter
Symbol
Min. Typ. Max. Unit
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-50
-
-
V
IC=-50µA
Collector-Emitter Breakdown
Voltage
BVCEO
-50
-
-
V
IC=-1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
-
-
V
IE=-50µA
Collector-Base Cutoff Current
ICBO
-
-
-0.5
µA
VCB=-50V
Emitter-Base Cutoff Current
IEBO
-
-
-0.5
µA
VEB=-4V
Collector-Emitter Saturation
Voltage
VCE(sat)
-
0.1
-0.3
V
IC=-5mA, IB=-0.25mA
DC Current Gain
hFE
100
-
600
-
VCE=-5V, IC=-1mA
Input Resistance
R
3.29
4.7
6.11
k
Ω -
Transition Frequency
fT
-
250
-
MHz VCE=-10V, IC=-5mA, f=100MHz *
* Transition frequency of the device


Similar Part No. - DTA143TN3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143T ONSEMI-DTA143T Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTA143T ROHM-DTA143T Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTA143T ROHM-DTA143T Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTA143T UTC-DTA143T Datasheet
49Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA143T UTC-DTA143T Datasheet
149Kb / 3P
   DIGITAL TRANSISTORS
More results

Similar Description - DTA143TN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA143TS3 CYSTEKEC-DTA143TS3 Datasheet
164Kb / 4P
   PNP Digital Transistors (Built-in Resistor)
DTA144TN3 CYSTEKEC-DTA144TN3 Datasheet
141Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistor)
DTA114TN3 CYSTEKEC-DTA114TN3 Datasheet
142Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistor)
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com