Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZU330-M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZU330-M
Description  Silicon planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZU330-M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZU330-M Datasheet HTML 1Page - Panasonic Semiconductor MAZU330-M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Zener Diodes
MAZU000 Series
Silicon planar type
For constant voltage, constant-current, waveform
clipper and surge absorption circuit
I Features
• S-mini type 2-pin package
• High breakdown voltage zener diode
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Instanious forward current
IFRM
200
mA
Total power dissipation*
Ptot
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Common Electrical Characteristics T
a
= 25°C*1
Note) 1. Test method according to the JIS C7031 testing
2
.Rated input/output frequency: 5 MHz
2
.*1 : The VZ value is for the temperature of 25
°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
1 : Cathode
2 : Anode
S-Mini Type Package (2-pin)
Note) * : With a printed-circuit board
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
1.2
V
Zener voltage*
2
VZ
IZ ·················· Specified value
V
Reverse current
IR
VR ··············· Specified value
µA
Temperature coefficient of zener voltage
SZ
IZ ·················· Specified value
mW/
°C
1
2
KA
2.5
± 0.2
1.7
± 0.1
0.4
± 0.1
0.4
± 0.1
Refer to the list of the
electrical characteristics
within part numbers


Similar Part No. - MAZU330-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ2000 PANASONIC-MAZ2000 Datasheet
76Kb / 6P
   Silicon planar type
logo
Tiger Electronic Co.,Lt...
MAZ2000 TGS-MAZ2000 Datasheet
200Kb / 6P
   Silicon planar type
logo
Panasonic Semiconductor
MAZ2051 PANASONIC-MAZ2051 Datasheet
142Kb / 5P
   Silicon planar type
MAZ2051 PANASONIC-MAZ2051 Datasheet
76Kb / 6P
   Silicon planar type
More results

Similar Description - MAZU330-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com