Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZU330-M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZU330-M
Description  Silicon planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZU330-M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZU330-M Datasheet HTML 1Page - Panasonic Semiconductor MAZU330-M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zener Diodes
2
MAZU000 Series
MAZU190
180
190
200
0.1
1
160
0.22
0.1
AZ
MAZU200
AA or AB
MAZU200-L
190
200
210
0.1
1
160
0.31
0.1
AA
MAZU200-H
AB
MAZU220
210
220
240
AC or AD
MAZU220-L
230
0.1
1
176
0.31
0.1
AC
MAZU220-H
220
230
240
AD
MAZU240
230
240
270
AE or AF or AH
MAZU240-L
250
0.1
1
192
0.31
0.1
AE
MAZU240-M
240
250
260
AF
MAZU240-H
250
260
270
AH
MAZU270
260
270
300
AI or AK or AL
MAZU270-L
280
0.1
1
216
0.31
0.1
AI
MAZU270-M
270
280
290
AK
MAZU270-H
280
290
300
AL
MAZU300
290
300
330
AMor AN or AO
MAZU300-L
310
0.1
1
240
0.31
0.1
AM
MAZU300-M
300
310
320
AN
MAZU300-H
310
320
330
AO
MAZU330
320
330
360
APor AR or AS
MAZU330-L
340
0.1
1
264
0.31
0.1
AP
MAZU330-M
330
340
350
AR
MAZU330-H
340
350
360
AS
I Electrical characteristics within part numbers T
a = 25°C
Part Number
Zener voltage
Reverse current
VZ (V)
IR
SZ
Min
Nom
Max
IZ
Max
VR
Typ
IZ
(V)
(V)
(V)
(mA)
(
µA)
(V)
(V/
°C)
(mA)
Marking Symbol
IZ  VZ
0.001
160
200
240
280
320
360
400
0.01
0.1
1
10
Zener voltage V
Z
(V)
Ta
= 25°C
Temperature coefficient
of zener voltage


Similar Part No. - MAZU330-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ2000 PANASONIC-MAZ2000 Datasheet
76Kb / 6P
   Silicon planar type
logo
Tiger Electronic Co.,Lt...
MAZ2000 TGS-MAZ2000 Datasheet
200Kb / 6P
   Silicon planar type
logo
Panasonic Semiconductor
MAZ2051 PANASONIC-MAZ2051 Datasheet
142Kb / 5P
   Silicon planar type
MAZ2051 PANASONIC-MAZ2051 Datasheet
76Kb / 6P
   Silicon planar type
More results

Similar Description - MAZU330-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com