Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA144WN3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTA144WN3
Description  PNP Digital Transistors (Built-in Resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTA144WN3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTA144WN3 Datasheet HTML 1Page - Cystech Electonics Corp. DTA144WN3 Datasheet HTML 2Page - Cystech Electonics Corp. DTA144WN3 Datasheet HTML 3Page - Cystech Electonics Corp. DTA144WN3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C276N3
Issued Date : 2003.08.18
Revised Date :2004.10.15
Page No. : 2/4
DTA144WN3/S
CYStek Product Specification
Electrical Characteristics (Ta=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
-
-0.8
V
VCC=-5V, IO=-100µA
Input Voltage
VI(on)
-4
-
-
V
VO=-0.3V, IO=-2mA
Output Voltage
VO(on)
-
-0.1
-0.3
V
IO=-10mA, II=-0.5mA
Input Current
II
-
-
-0.16
mA
VI=-5V
Output Current
IO(off)
-
-
-0.5
µA
VCC=-50V, VI=0V
DC Current Gain
GI
56
-
-
-
VO=-5V, IO=-5mA
Input Resistance
R1
32.9
47
61.1
k
-
Resistance Ratio
R2/R1
0.37
0.47
0.57
-
-
Transition Frequency
fT
-
250
-
MHz
VCE=-10V, IC=-5mA, f=100MHz *
* Transition frequency of the device
Ordering Information
Device
Package
Shipping
Marking
DTA144WN3
SOT-23
3000 pcs / tape & reel
6P
DTA144WN3S
SOT-23
(Pb-free)
3000 pcs / tape & reel
6P


Similar Part No. - DTA144WN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA144WN3S CYSTEKEC-DTA144WN3S Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
More results

Similar Description - DTA144WN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA123JC3 CYSTEKEC-DTA123JC3 Datasheet
329Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA114ES3 CYSTEKEC-DTA114ES3_16 Datasheet
279Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143EE SECOS-DTA143EE Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA114YN3 CYSTEKEC-DTA114YN3_11 Datasheet
256Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA123YS3 CYSTEKEC-DTA123YS3 Datasheet
157Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA124EN3 CYSTEKEC-DTA124EN3 Datasheet
156Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com