Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA144WN3S Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # DTA144WN3S
Description  PNP Digital Transistors (Built-in Resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTA144WN3S Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  DTA144WN3S Datasheet HTML 1Page - Cystech Electonics Corp. DTA144WN3S Datasheet HTML 2Page - Cystech Electonics Corp. DTA144WN3S Datasheet HTML 3Page - Cystech Electonics Corp. DTA144WN3S Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C276N3
Issued Date : 2003.08.18
Revised Date :2004.10.15
Page No. : 4/4
DTA144WN3/S
CYStek Product Specification
SOT-23 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0034
0.0070
0.085
0.177
B
0.0472
0.0630
1.20
1.60
K
0.0128
0.0266
0.32
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1083
2.10
2.75
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0005
0.0040
0.013
0.10
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
H
J
K
D
A
L
G
V
C
B
3
2
1
S
Style : Pin 1.Base 2.Emitter 3.Collector
3-Lead SOT-23 Plastic
Surface Mounted Package
CYStek Package Code: N3
Marking:
6P


Similar Part No. - DTA144WN3S

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA144WN3S CYSTEKEC-DTA144WN3S Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
More results

Similar Description - DTA144WN3S

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA123JC3 CYSTEKEC-DTA123JC3 Datasheet
329Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA114ES3 CYSTEKEC-DTA114ES3_16 Datasheet
279Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143EE SECOS-DTA143EE Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA114YN3 CYSTEKEC-DTA114YN3_11 Datasheet
256Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA123YS3 CYSTEKEC-DTA123YS3 Datasheet
157Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA124EN3 CYSTEKEC-DTA124EN3 Datasheet
156Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com