Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40LB-10 Datasheet(PDF) 1 Page - Total Power International

Part # TPS40LB-10
Description  SWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS40LB-10 Datasheet(HTML) 1 Page - Total Power International

  TPS40LB-10 Datasheet HTML 1Page - Total Power International TPS40LB-10 Datasheet HTML 2Page - Total Power International TPS40LB-10 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KEY FEATURES
*Universal input
*Built-in EMI filter
*LOW COST
*Optional constant current change (for single output)
APPLICATIONS
*Telecommunications
*Computer peripherals/Lan & Hub
*Test & industrial equipments
*Medical instruments
*Business machines
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, universal
*Frequency------------47~63Hz
*Inrush current--------30A typical, Cold start @25℃,115VAC
*Efficiency------------65% ~80% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----40W convection(Refer next page)
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/-0.5% per inquiry)
65W
40W
25W
10W
0W
20 W
Power Derating Curve
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC (IN PROCESS)
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE , EN61000-3-2 (Class A) and –3 ; EN61000-4-2,
-3 , -4 , -5 , -6 and -11
SAFETY APPROVAL(IN PROCESS)
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3
*TUV EN60950
*Optional UL 2601(EMI Class A)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER, INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail: sales@total-power.com
http://www.total-power.com
-1-
TOTAL POWER INT.
TPS40LB SWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY


Similar Part No. - TPS40LB-10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS40LB-10 TOTAL-POWER-TPS40LB-10 Datasheet
229Kb / 2P
   Universal input
More results

Similar Description - TPS40LB-10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS60LB TOTAL-POWER-TPS60LB Datasheet
398Kb / 4P
   SWITCHING MODE 60W LOW COST BOX TYPE POWER SUPPLY
TPS150LBP TOTAL-POWER-TPS150LBP Datasheet
252Kb / 4P
   TPS150LBP SWITCHING MODE 150W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
TPS100LBP TOTAL-POWER-TPS100LBP Datasheet
357Kb / 4P
   TPS100LBP SWITCHING MODE 100W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
T-40 MEANWELL-T-40 Datasheet
387Kb / 2P
   40W Triple Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
T-40 MEANWELL-T-40_10 Datasheet
395Kb / 2P
   40W Triple Output Switching Power Supply
logo
Total Power Internation...
T-40 TOTAL-POWER-T-40 Datasheet
386Kb / 2P
   40W Triple Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com