Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40-38 Datasheet(PDF) 1 Page - Total Power International

Part # TPS40-38
Description  40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS40-38 Datasheet(HTML) 1 Page - Total Power International

  TPS40-38 Datasheet HTML 1Page - Total Power International TPS40-38 Datasheet HTML 2Page - Total Power International TPS40-38 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PPS40-1/2/3
SWITCHING MODE 40W OPEN FRAME POWER SUPPLIES
KEY FEATURES
*Universal input
* Built-in EMI filter
*Optional±12VDC/±24VDC/±48VDC input
APPLICATIONS
*Telecommunications
*Computer peripherals/ Lan & Hub
*Test & industrial equipments
*Medical instruments
*Business machines
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, universal
*Frequency------------47~63Hz
*Inrush current--------25A typical, Cold start @25℃,115VAC
*Efficiency------------65% ~80% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----40W with 15 CFM forced air
(Refer next page)
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/-0.5% per inquiry)
40W
30W
20W
10W
0W
20W
15W
Power Derating Curve
15 CFM Forced Air Cooling
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE, EN 61000-3-2 (Class A) and –3; EN 61000-4-2,
-3,-4.-5,-6 and -11
SAFETY APPROVAL
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3 (COMPLY WITH)
*TUV EN60950
*Optional UL 2601 (EMI Class A)(COMPLY WITH)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER INT'L
TPS40-1/2/3 40 WATT OPEN-FRAME SWITCHING POWER SUPPLY
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com
http://www.total-power.com
-1-


Similar Part No. - TPS40-38

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TPS4000-24 TDK-TPS4000-24 Datasheet
208Kb / 2P
   AC-DC Power Supplies
June 28, 2022
TPS4000-48 TDK-TPS4000-48 Datasheet
208Kb / 2P
   AC-DC Power Supplies
June 28, 2022
logo
Texas Instruments
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI1-TPS40000 Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40-38

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120 Datasheet
80Kb / 2P
   65 Watt Open-Frame Power Supply
logo
Astrodyne Corporation
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120_14 Datasheet
102Kb / 2P
   65 Watt* Open-Frame Power Supply
logo
Astrodyne Corporation
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
logo
Phihong USA Inc.
PSA065M-120M PHIHONG-PSA065M-120M_14 Datasheet
78Kb / 2P
   65 Watt* Open-Frame Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com