Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2715-1-V-F3-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2715-1-V-F3-A
Description  HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2715-1-V-F3-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS2715-1-V-F3-A Datasheet HTML 1Page - California Eastern Labs PS2715-1-V-F3-A Datasheet HTML 2Page - California Eastern Labs PS2715-1-V-F3-A Datasheet HTML 3Page - California Eastern Labs PS2715-1-V-F3-A Datasheet HTML 4Page - California Eastern Labs PS2715-1-V-F3-A Datasheet HTML 5Page - California Eastern Labs PS2715-1-V-F3-A Datasheet HTML 6Page - California Eastern Labs PS2715-1-V-F3-A Datasheet HTML 7Page - California Eastern Labs PS2715-1-V-F3-A Datasheet HTML 8Page - California Eastern Labs PS2715-1-V-F3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PS2715-1
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = 25
°C)
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
0˚C
–25˚C
–50˚C
+60˚C
+25˚C
TA = +100˚C
200
150
100
50
0
25
50
75
100
68
4
2
010
25
20
15
10
5
IF = 10 mA
5 mA
2 mA
1 mA
0.5 mA
–25
0
25
50
75
100
1
10
100
1 000
10 000
VCE = 40 V
20 V
10 V
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
2 mA
5 mA
10 mA
1 mA
IF = 0.5mA
100
40
60
20
0
25
50
75
100
80
Remark The graphs indicate nominal characteristics.
Data Sheet PN10247EJ02V0DS
5


Similar Part No. - PS2715-1-V-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2715-1-V-F3 RENESAS-PS2715-1-V-F3 Datasheet
223Kb / 13P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2715-1-V-F3-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2711-1 RENESAS-PS2711-1_15 Datasheet
224Kb / 13P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
   HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2765-1 CEL-PS2765-1 Datasheet
86Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL354N-G EVERLIGHT-EL354N-G_16 Datasheet
787Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLE
logo
California Eastern Labs
PS2815-1 CEL-PS2815-1 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com