Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1213-02ST Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1213-02ST
Description  1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1213-02ST Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1213-02ST Datasheet HTML 1Page - California Micro Devices Corp CM1213-02ST Datasheet HTML 2Page - California Micro Devices Corp CM1213-02ST Datasheet HTML 3Page - California Micro Devices Corp CM1213-02ST Datasheet HTML 4Page - California Micro Devices Corp CM1213-02ST Datasheet HTML 5Page - California Micro Devices Corp CM1213-02ST Datasheet HTML 6Page - California Micro Devices Corp CM1213-02ST Datasheet HTML 7Page - California Micro Devices Corp CM1213-02ST Datasheet HTML 8Page - California Micro Devices Corp CM1213-02ST Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
03/02/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CM1213
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
Features
1, 2, 4, 6 and 8 channels of ESD protection
Provides ESD protection to IEC61000-4-2 Level 4
- 8kV contact discharge
- 15kV air discharge
Low channel input capacitance of 1.0pF typical
Minimal capacitance change with temperature and
voltage
Channel input capacitance matching of 0.02pF typ-
ical is ideal for differential signals
Mutual capacitance between signal pin and adja-
cent signal pin - 0.11pF typical
Zener diode protects supply rail and eliminates the
need for external by-pass capacitors
Each I/O pin can withstand over 1000 ESD strikes
Available in SOT, SOIC and MSOP packages
Lead-free version available
Applications
USB2.0 ports at 480Mbps in desktop PCs, note-
books and peripherals
IEEE1394 Firewire
® ports at 400Mbps / 800Mbps
DVI ports, HDMI ports in notebooks, set top boxes,
digital TVs, LCD displays
Serial ATA ports in desktop PCs and hard disk
drives
PCI Express ports
General purpose high-speed data line ESD
protection
Product Description
The CM1213 family of diode arrays has been designed
to provide ESD protection for electronic components or
sub-systems requiring minimal capacitive loading.
These devices are ideal for protecting systems with
high data and clock rates or for circuits requiring low
capacitive loading. Each ESD channel consists of a
pair of diodes in series which steer the positive or neg-
ative ESD current pulse to either the positive (VP) or
negative (VN) supply rail. A Zener diode is embedded
between VP and VN, offering two advantages. First, it
protects the VCC rail against ESD strikes, and second,
it eliminates the need for a bypass capacitor that would
otherwise be needed for absorbing positive ESD
strikes to ground. The CM1213 will protect against
ESD pulses up to
±8kV per the IEC 61000-4-2 stan-
dard and using the MIL-STD-883D (Method 3015)
specification for Human Body Model (HBM) ESD, all
pins are protected from contact discharges of greater
than
±15kV.
These devices are particularly well-suited for protecting
systems using high-speed ports such as USB2.0,
IEEE1394 (Firewire
®, iLink), Serial ATA, DVI, HDMI
and corresponding ports in removable storage, digital
camcorders, DVD-RW drives and other applications
where extremely low loading capacitance with ESD
protection are required in a small package footprint.
The CM1213 family of devices is available with
optional lead-free finishing.
Electrical Schematics
CH1
VP
VN
CM1213-01ST/SO
CH1
VP
VN
CM1213-02ST/SO
CH2
CH1
VP
VN
CM1213-04ST/SO
CH4
CH2
CH3
CH5
CH3
CH4
CH1
VP
CM1213-06MS/MR
CH6
CH2
VN
CM1213-02SS/SR
CM1213-06SN/SM
CH3
CH6
CH4
CH5
CH1
CM1213-08MS/MR
CH8
CH2
CH7
VP
VN
CM1213-04MS/MR
CH3
N.C.
CH4
N.C.
CH1
CM1213-A4MR
CH2
VP
VN
N.C.
N.C.


Similar Part No. - CM1213-02ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213-06MR ONSEMI-CM1213-06MR Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213-06MR ONSEMI-CM1213-06MR Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1213-06SM ONSEMI-CM1213-06SM Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213-06SM ONSEMI-CM1213-06SM Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1213-08MR ONSEMI-CM1213-08MR Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
More results

Similar Description - CM1213-02ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com