Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1215-04ST Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1215-04ST
Description  1-, 2- and 4-Channel Low Capacitance ESD Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1215-04ST Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1215-04ST Datasheet HTML 1Page - California Micro Devices Corp CM1215-04ST Datasheet HTML 2Page - California Micro Devices Corp CM1215-04ST Datasheet HTML 3Page - California Micro Devices Corp CM1215-04ST Datasheet HTML 4Page - California Micro Devices Corp CM1215-04ST Datasheet HTML 5Page - California Micro Devices Corp CM1215-04ST Datasheet HTML 6Page - California Micro Devices Corp CM1215-04ST Datasheet HTML 7Page - California Micro Devices Corp CM1215-04ST Datasheet HTML 8Page - California Micro Devices Corp CM1215-04ST Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
06/30/05
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM1215
PRELIMINARY
1-, 2- and 4-Channel Low Capacitance ESD Arrays
Features
1, 2, and 4 channels of ESD protection
Provides +15 kV ESD protection on each channel
per the IEC 61000-4-2 ESD requirements
Channel loading capacitance of 1.6 pF typical
Channel I/O to GND capacitance difference of
0.04pF typical
Mutual capacitance of 0.13pF typical
Minimal capacitance change with temperature and
voltage
Each I/O pin can withstand over 1000 ESD strikes
SOT packages
Lead-free versions available
Applications
IEEE1394 Firewire® ports at 400Mbps / 800Mbps
DVI ports, HDMI ports in notebooks, set top boxes,
digital TVs, LCD displays
Serial ATA ports in desktop PCs and hard disk
drives
PCI Express ports
General purpose high-speed data line ESD protec-
tion
Product Description
The CM1215 family of diode arrays has been designed
to provide ESD protection for electronic components or
sub-systems requiring minimal capacitive loading.
These devices are ideal for protecting systems with
high data and clock rates or for circuits requiring low
capacitive loading. Each ESD channel consists of a
pair of diodes in series which steer the positive or neg-
ative ESD current pulse to either the positive (VP) or
negative (VN) supply rail. The CM1215 will protect
against ESD pulses up to +15kV per the IEC 61000-4-2
standard.
This device is particularly well-suited for protecting sys-
tems using high-speed ports such as USB2.0,
IEEE1394 (Firewire®, iLink
), Serial ATA, DVI, HDMI
and corresponding ports in removable storage, digital
camcorders, DVD-RW drives and other applications
where extremely low loading capacitance with ESD
protection are required in a small package footprint.
The CM1215 family of devices is available with
optional lead-free finishing.
Simplified Electrical Schematic
CH1
VP
VN
CM1215-01ST/SO
CH1
VP
VN
CM1215-02ST/SO
CH2
CH1
VP
VN
CM1215-04ST/SO
CH4
CH2
CH3
CM1215-02SS/SR


Similar Part No. - CM1215-04ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1215-04SO ONSEMI-CM1215-04SO Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
More results

Similar Description - CM1215-04ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com